Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-025MA Datasheet(PDF) 1 Page - International Rectifier

Part # IRSM836-025MA
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-025MA Datasheet(HTML) 1 Page - International Rectifier

  IRSM836-025MA Datasheet HTML 1Page - International Rectifier IRSM836-025MA Datasheet HTML 2Page - International Rectifier IRSM836-025MA Datasheet HTML 3Page - International Rectifier IRSM836-025MA Datasheet HTML 4Page - International Rectifier IRSM836-025MA Datasheet HTML 5Page - International Rectifier IRSM836-025MA Datasheet HTML 6Page - International Rectifier IRSM836-025MA Datasheet HTML 7Page - International Rectifier IRSM836-025MA Datasheet HTML 8Page - International Rectifier IRSM836-025MA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IRSM836-025MA
1
www.irf.com
© 2013 International Rectifier
February 3, 2013
2A, 500V
Integrated Power Module for
Small Appliance Motor Drive Applications
Description
IRSM836-025MA is a 2A, 500V Integrated Power Module (IPM) designed for advanced appliance motor
drive applications such as energy efficient fans and pumps. IR's technology offers an extremely compact, high
performance AC motor-driver in an isolated package. This advanced IPM offers a combination of IR's low RDS(on)
Trench MOSFET technology and the industry benchmark 3-phase high voltage, rugged driver in a small PQFN
package. At only 12x12mm and featuring integrated bootstrap functionality, the compact footprint of this surface-
mount package makes it suitable for applications that are space-constrained. Integrated over-current protection,
fault reporting and under-voltage lockout functions deliver a high level of protection and fail-safe operation.
IRSM836-025MA functions without a heat sink.
Features
Integrated gate drivers and bootstrap functionality
Open-source for leg-shunt current sensing
Protection shutdown pin
Low RDS(on) Trench FREDFET
Under-voltage lockout for all channels
Matched propagation delay for all channels
Optimized dV/dt for loss and EMI trade offs
3.3V Schmitt-triggered active high input logic
Cross-conduction prevention logic
Motor power range up to ~90W, without heat sink
Isolation 1500VRMS min
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRSM836-025MA
36L
PQFN 12 x 12 mm
Tape and Reel
2000
IRSM836-025MATR
Tray
800
IRSM836-025MA
All part numbers are PbF
IRSM836-025MA


Similar Part No. - IRSM836-025MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM836-025MA INFINEON-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-025MATR INFINEON-IRSM836-025MATR Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA_15 Datasheet
501Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM836-025MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com