Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-M301 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HLMP-M301
Description  4 mm FLAT TOP LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-M301 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HLMP-M301 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-M301 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-M301 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-M301 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HER
YELLOW
GREEN
Pararmeter
HLMP-M200/M201
HLMP-M300/M301
HLMP-M500/M501
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
3.4 / 5.4
3.6 / 5.7
4.2 / 6.7
Typical
5.0 / 7.0
5.0 / 7.0
7.0 / 10.0
Forward Voltage (V)
IF = 20mA
Maximum
3.0
3.0
3.0
Typical
2.2
2.2
2.3
Peak Wavelength (nm)
635
585
565
IF = 20mA
Reverse Voltage (V)
5
5
5
IR = 100µA
Viewing Angle (°)
135
135
135
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
4 mm FLAT TOP LAMPS
HER
YELLOW
GREEN
Pararmeter
HLMP-M250/M251
HLMP-M350/M351
HLMP-M550/M551
Condition
Luminous Intensity (mcd)
IF = 10mA
Minimum
3.4 / 5.4
3.6 / 5.7
4.2 / 6.7
Typical
5.0 / 7.0
5.0 / 7.0
10.0 / 16.0
Forward Voltage (V)
IF = 20mA
Maximum
3.0
3.0
3.0
Typical
2.2
2.2
2.3
Peak Wavelength (nm)
635
585
565
IF = 10mA
Reverse Voltage (V)
5
5
5
IR = 100µA
Viewing Angle (°)
80
80
80
IF = 10mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
www.fairchildsemi.com
2 OF 4
3/14/01
DS300015


Similar Part No. - HLMP-M301

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-M301 QT-HLMP-M301 Datasheet
277Kb / 4P
   4mm FLAT TOP LAMPS
More results

Similar Description - HLMP-M301

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-M200 QT-HLMP-M200 Datasheet
277Kb / 4P
   4mm FLAT TOP LAMPS
logo
Kingbright Corporation
L443HDT KINGBRIGHT-L443HDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
logo
Micro Electronics
MGB37D MICRO-ELECTRONICS-MGB37D Datasheet
87Kb / 2P
   3mm FLAT TOP LED LAMPS
logo
Marktech Corporate
MT2640-HRG MARKTECH-MT2640-HRG Datasheet
27Kb / 1P
   TRI-STATE FLAT-TOP LED LAMPS
logo
Everlight Electronics C...
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX Datasheet
184Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SURC-S530-XX-TR8 EVERLIGHT-28-21SURC-S530-XX-TR8 Datasheet
150Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX EVERLIGHT-28-21SDRC-S530-XX-XXX Datasheet
249Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21UYC-S530-XX-XXX EVERLIGHT-28-21UYC-S530-XX-XXX_11 Datasheet
275Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
logo
HK TO-GRACE TECHNOLOGY ...
28-21UYC-S530-XX-XXX TO-GRACE-28-21UYC-S530-XX-XXX Datasheet
592Kb / 9P
   1.4 mm Height Subminiature , Axial Flat Top View LED
28-21SDRC-S530-XX-XXX TO-GRACE-28-21SDRC-S530-XX-XXX Datasheet
895Kb / 10P
   1.4 mm Height Subminiature , Axial Flat Top View LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com