Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINI-PS-100-2 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # MINI-PS-100-2
Description  Power Supply, Primary Switch Mode, Narrow Design MINI-PS-100-240AC/10-15DC/2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

MINI-PS-100-2 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  MINI-PS-100-2 Datasheet HTML 1Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 2Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 3Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 4Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 5Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 6Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 7Page - PHOENIX CONTACT MINI-PS-100-2 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PHOENIX CONTACT page 2 of 8
solid
flexible
torque
[mm2]AWG
[Nm]
[Ib in.]
Input
0.2 - 2.5
0.2 - 2.5
25 - 14 0.5 - 0.6 4.4 - 5.3
Output
0.2 - 2.5
0.2 - 2.5
24 - 14 0.5 - 0.6 4.4 - 5.3
Description
Power Supply
,
Primary switch mode, narrow design
Technical Data
Input Data 1
Nominal input voltage
Input voltage range
Frequency
Current consumption (for nominal values)
Inrush current limiting/I2t (+25°C [+77°F])
Mains buffering for a nominal load (typical)
Switch-on time after applying the mains voltage
Transient surge voltage protection
Input fuse, internal
Recommended fuse
Output Data 2
Nominal output voltage UN/tolerance
Setting range for the output voltage
Output current during convection cooling
and nominal values
POWER BOOST IBOOST (t = 2 min., typical)
Nominal output current IN -25°C to +60°C (-13°F to +140°F)
-25°C to +40°C (-13°F to +104°F)
Derating
Short-circuit current limit
Startup of capacitive loads
System deviation on:
Load change static 10 - 90%
Load change dynamic 10 - 90%
Input voltage change ±10%
Maximum power loss
No load/nominal load
Level of efficiency (typical)
Response time UOUT (10% - 90%)
Residual ripple/switching peaks (20 MHz)
Can be connected in parallel
Internal surge voltage protection
Signal Output Data
LED (Uout > 0.9 x UN = LED permanently on)
MINI-PS-100-240AC/10-15DC/2
1 AC
U u
Type
Order No.
Pcs.
Pkt.
MINI-PS-100-240AC/10-15DC/2
29 38 75 6
1
100 - 240 V AC (wide range input)
85 - 264 V AC
90 - 350 V DC
45 - 65 Hz
0 Hz
0.4 A (120 V AC)/0.2 A (230 V AC), approximately
< 20 A/< 1.7 A2s, typical
> 20 ms
< 1 s
Input filter
2 AT (device protection)
Circuit breaker 10 A or 16 A
Characteristic B (EN 60 898)
12 V DC/±1% (default)
10 - 15 V DC
2.3 A (Uout = 10 - 15 V DC)
2 A (Uout = 10 - 15 V DC)
2.3 A (Uout = 10 - 15 V DC)
From +60°C (+140°F), 5% per Kelvin
< 3.4 A
Unlimited
< 1%, typical
< 3%, typical
< 0.1%, typical
1 W/7 W
86% (for 230 V AC and nominal values)
< 100 ms, typical
< 100 mVpp (for nominal values)
To increase redundancy and power
Yes, limited to 20 V DC, approximately
Green LED
45 mm
(1.772 in.)
114.5 mm (4.508 in.)
N C
N C
L ( + )
N ( - )
Power Supply, Primary Switch Mode, Narrow Design – MINI-PS-100-240AC/10-15DC/2
3. Technical Data
7


Similar Part No. - MINI-PS-100-2

ManufacturerPart #DatasheetDescription
logo
Directed Energy, Inc.
MINI-10 DEI-MINI-10 Datasheet
284Kb / 3P
   Pulsed Current Source
logo
List of Unclassifed Man...
MINI-14S-L ETC-MINI-14S-L Datasheet
290Kb / 1P
   DRAWING 415-0063
logo
Directed Energy, Inc.
MINI-20 DEI-MINI-20 Datasheet
285Kb / 3P
   Pulsed Current Source
MINI-200 DEI-MINI-200 Datasheet
290Kb / 3P
   Pulsed Current Source
MINI-5 DEI-MINI-5 Datasheet
284Kb / 3P
   Pulsed Current Source
More results

Similar Description - MINI-PS-100-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5156027 PHOENIX-5156027 Datasheet
231Kb / 8P
   Power Supply, Primary Switch Mode, Narrow Design MINI-PS-100-240AC/10-15DC/2
5107474 PHOENIX-5107474 Datasheet
232Kb / 8P
   Power Supply, Primary Switch Mode, Narrow Design MINI-PS-100-240AC/5DC/3
5107911 PHOENIX-5107911 Datasheet
264Kb / 8P
   Power Supply, Primary Switch Mode, Narrow Design MINI-PS-100-240AC/24DC/4
2866297 PHOENIX-2866297 Datasheet
89Kb / 7P
   Power supply unit - MINI-PS-100-240AC/10-15DC/8
09/12/2020
102046 PHOENIX-102046 Datasheet
219Kb / 13P
   MINI-PS-100-240AC/10-15DC/8
5107830 PHOENIX-5107830 Datasheet
314Kb / 10P
   Power Supply, Primary Switch Mode for Universal Use QUINT-PS-100-240AC/12DC/10
101501 PHOENIX-101501 Datasheet
325Kb / 10P
   Power Supply, Primary Switch Mode for Universal Use QUINT-PS-100-240AC/48DC/5
100298 PHOENIX-100298 Datasheet
301Kb / 13P
   MINI-PS-100-240AC/24DC/2
2938604 PHOENIX-2938604 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-100-240AC/24DC/10
11/05/2018
2866446 PHOENIX-2866446 Datasheet
89Kb / 7P
   Power supply unit - MINI-PS-100-240AC/24DC/1.3 - 2866446
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com