Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW214S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQW214S
Description  Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW214S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQW214S Datasheet HTML 1Page - Panasonic Semiconductor AQW214S Datasheet HTML 2Page - Panasonic Semiconductor AQW214S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GU SOP 2 Form A (AQW21
❍S)
ASCTB141E 201209-T
TYPES
* Indicate the peak AC and DC values.
Note: The packing style indicator “X” or “Z” are not marked on the device.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Miniature SOP8-pin type
of 60V/350V/400V
load voltage
GU SOP 2 Form A
(AQW21
❍S)
Output rating*
Package
Part No.
Packing quantity
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
dual use
60V
400mA
SOP8-pin
AQW212S
AQW212SX
AQW212SZ
1 tube contains:
50 pcs.
1 batch contains:
1,000 pcs.
1,000 pcs.
350V
100mA
AQW210S
AQW210SX
AQW210SZ
400V
80mA
AQW214S
AQW214SX
AQW214SZ
Item
Symbol
AQW212S
AQW210S
AQW214S
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
350 V
400 V
Continuous load current
IL
0.4 A (0.5 A)
0.1 A (0.13 A)
0.08 A (0.1 A)
Peak AC, DC
( ): in case of using only 1 channel
Peak load current
Ipeak
1.5 A
0.3 A
0.24 A
A connection: 100 ms (1 shot), VL = DC
Power dissipation
Pout
600 mW
Total power dissipation
PT
650 mW
I/O isolation voltage
Viso
1,500 V AC
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
mm inch
FEATURES
1. 2 channels in miniature SOP8-pin
design
The device comes in a super-miniature
SO package measuring (W) 4.4
× (L)
9.37
× (H) 2.1 mm (W) .173× (L) .369×
(H) .083 inch —approx. 38% of the
volume and 66% of the footprint size of
DIP8-pin type.
2. Controls low-level analog signals
PhotoMOS feature extremely low closed-
circuit offset voltage to enable control of
low-level analog signals without
distortion.
3. Low-level off state leakage current
of max. 1
µA
TYPICAL APPLICATIONS
• Measuring instruments
• Data communications
• Computers
• Industrial robots
• High-speed inspection machines.
9.37
4.4
2.1
.369
.173
.083
1
2
3
4
8
7
6
5
RoHS compliant


Similar Part No. - AQW214S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW214S ETC-AQW214S Datasheet
154Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results

Similar Description - AQW214S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
   Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
   Normally closed 6-pin type of 400V load voltage Measuring instruments
AQW212 PANASONIC-AQW212 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
   DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
Coto Technology
CT331 COTO-CT331 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 350V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 350V Maximum
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
   Miniature SOP4-pin with C횞R10 40V load voltage
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Coto Technology
CT474 COTO-CT474 Datasheet
366Kb / 2P
   Contact Form: 1b Load Voltage: 400V Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com