Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW214SX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQW214SX
Description  Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW214SX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQW214SX Datasheet HTML 1Page - Panasonic Semiconductor AQW214SX Datasheet HTML 2Page - Panasonic Semiconductor AQW214SX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GU SOP 2 Form A (AQW21
❍S)
ASCTB141E 201209-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
*Turn on/ Turn off time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
REFERENCE DATA
Item
Symbol
AQW212S
AQW210S
AQW214S
Remarks
Input
LED operate current
Typical
IFon
0.9 mA
IL = Max.
Maximum
3 mA
LED turn off current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.8 mA
LED dropout voltage
Typical
VF
1.25 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
0.83
16
30
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
2.5
35
50
Off state leakage current
Maximum
ILeak
1
µA
IF = 0 mA
VL = Max.
Transfer
characteristics
Turn on time*
Typical
Ton
0.65 ms
0.23 ms
0.21 ms
IF = 5 mA
IL = Max.
Maximum
2 ms
0.5 ms
Turn off time*
Typical
Toff
0.08 ms
0.04 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0 V
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000 M
500 V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
5mA
Ton
Input
Output
10%
90%
Toff
1.-(1) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
When using 2 channels
1.-(2) Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
When using 2 channels
2.-(1) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
AQW212S
100
8085
60
40
20
0
–20
–40
1.0
0.8
0.6
0.4
0.2
0
Ambient temperature,
°C
0
40
60
020
40
60
8085 100
–40 –20
20
AQW210S
AQW214S
80
100
120
Ambient temperature,
°C
AQW212S
8085
60
40
20
0
–20
–40
5
4
3
2
1
0
Ambient temperature,
°C


Similar Part No. - AQW214SX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW214S ETC-AQW214S Datasheet
154Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results

Similar Description - AQW214SX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
   Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
   Normally closed 6-pin type of 400V load voltage Measuring instruments
AQW212 PANASONIC-AQW212 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
   DIP6-pin type featuring low on-resistance with 200V/400V load voltage
logo
Coto Technology
CT331 COTO-CT331 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 350V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
   Contact Form: 1a Load Voltage: 350V Maximum
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
   Miniature SOP4-pin with C횞R10 40V load voltage
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
Coto Technology
CT474 COTO-CT474 Datasheet
366Kb / 2P
   Contact Form: 1b Load Voltage: 400V Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com