Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL125V5-QNG144Y Datasheet(PDF) 3 Page - Microsemi Corporation

Part # AGL125V5-QNG144Y
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL125V5-QNG144Y Datasheet(HTML) 3 Page - Microsemi Corporation

  AGL125V5-QNG144Y Datasheet HTML 1Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 2Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 3Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 4Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 5Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 6Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 7Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 8Page - Microsemi Corporation AGL125V5-QNG144Y Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 250 page
background image
IGLOO Low Power Flash FPGAs
Revision 23
III
IGLOO Ordering Information
Note: Marking Information: IGLOO V2 devices do not have V2 marking, but IGLOO V5 devices are marked accordingly.
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
AGL1000
V2
FG
_
Part Number
IGLOO Devices
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitch)
144
I
Y
Package Lead Count
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
G
Lead-Free Packaging
Application (Temperature Range)
Security Feature
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (
40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging (some packages also halogen-free)
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
30,000 System Gates
AGL030 =
15,000 System Gates
AGL015 =
60,000 System Gates
AGL060 =
125,000 System Gates
AGL125 =
250,000 System Gates
AGL250 =
600,000 System Gates
AGL600 =
400,000 System Gates
AGL400 =
1,000,000 System Gates
AGL1000 =
CS = Chip Scale Package (0.4 mm and 0.5 mm pitches)
UC = Micro Chip Scale Package (0.4 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
IGLOO Devices with Cortex-M1
250,000 System Gates
M1AGL250 =
600,000 System Gates
M1AGL600 =
1,000,000 System Gates
M1AGL1000 =
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - AGL125V5-QNG144Y

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL125V5-QNG144 ACTEL-AGL125V5-QNG144 Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
AGL125V5-QNG144ES ACTEL-AGL125V5-QNG144ES Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
AGL125V5-QNG144I ACTEL-AGL125V5-QNG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
AGL125V5-QNG144PP ACTEL-AGL125V5-QNG144PP Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
More results

Similar Description - AGL125V5-QNG144Y

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com