Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0500-500E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0500-500E
Description  HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0500-500E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0500-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (OPTION 060 ONLY)
Characteristic
Description
Symbol
8 Pin DIP
SO-8
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤300 V rms
I-IV
I-III
for rated mains voltage ≤450 V rms
I-III
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
V
IORM
630
560
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
1181
1050
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.5 = VPR, Type and sample test,
V
PR
945
840
V
peak
t
m = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 10 sec)
V
IOTM
6000
4000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
T
S
175
175
°C
Input Current
I
S,INPUT
230
150
mA
Output Power
P
S,OUTPUT
600
600
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCNW135/6 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤600 V rms
I-IV
for rated mains voltage ≤1000 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
2652
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.5 = VPR, Type and sample test,
V
PR
2121
V
peak
t
m = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 10 sec)
V
IOTM
8000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
T
S
150
°C
Input Current
I
S,INPUT
400
mA
Output Power
P
S,OUTPUT
700
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Similar Part No. - HCPL-0500-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0500-500 HP-HCPL-0500-500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0500-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com