Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARN12A24X Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ARN12A24X
Description  8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARN12A24X Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ARN12A24X Datasheet HTML 1Page - Panasonic Semiconductor ARN12A24X Datasheet HTML 2Page - Panasonic Semiconductor ARN12A24X Datasheet HTML 3Page - Panasonic Semiconductor ARN12A24X Datasheet HTML 4Page - Panasonic Semiconductor ARN12A24X Datasheet HTML 5Page - Panasonic Semiconductor ARN12A24X Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RN (ARN)
ASCTB71E 201202-T
9. Measuring method of high frequency characteristics
(Impedance 50
Ω)
Connect connectors 1 and 2 respectively to PORT 1 and
PORT 2. Perform calibration using the 3.5 mm calibration kit
(HP85052B).
After calibration, connect the D.U.T. board and measure.
However, connectors other than those for measurement should
be connected with a 50
Ω termination resistor.
D.U.T. board
Dimensions (mm inch)
Material: Glass PTFE (double-sided, through hole PC board)
R-4737 (Panasonic Corporation)
Board thickness: t = 0.8 mm .031 inch
Copper plating thickness: 18
µm
Connector (SMA type)
Product name: 01K1808-00 (Waka Manufacturing Co., Ltd.)
Insertion loss compensation: The insertion loss of relay itself is
given by subtracting the insertion loss of calibration board.
10. Others
1) The switching lifetime is defined under the standard test
condition specified in the JIS* C 5442 standard (temperature
15 to 35
°C 59 to 95°F, humidity 25 to 75%RH). Check this with
the real device as it is affected by coil driving circuit, load type,
activation frequency, activation phase, ambient conditions and
other factors. *JIS: Japanese Industrial Standards
Also, be especially careful of loads such as those listed below.
• When used for AC load-operating and the operating phase is
synchronous, rocking and fusing can easily occur due
to contact shifting.
• When high-frequency opening and closing of the relay is
performed with a load that causes arcs at the contacts, nitrogen
and oxygen in the air is fused by the arc energy and HNO3 is
formed. This can corrode metal materials.
Three countermeasures for these are listed here.
(1) Incorporate an arc-extinguishing circuit.
(2) Lower the operating frequency
(3) Lower the ambient humidity
2) Use the relay within specifications such as coil rating, contact
rating and on/off service life. If used beyond limits, the relay may
overheat, generate smoke or catch fire.
3) Be careful not to drop the relay. If accidentally dropped,
carefully check its appearance and characteristics before use.
4) Be careful to wire the relay correctly. Otherwise, malfunction,
overheat, fire or other trouble may occur.
5) If a relay stays on in a circuit for many months or years at a
time without being activated, circuit design should be reviewed
so that the relay can remain non-excited. A coil that receives
current all the time heats, which degrades insulation earlier than
expected. A latching type relay is recommended for such
circuits.
6) To ensure accurate operation of the latching type amidst
surrounding temperature changes and other factors that might
affect the set and reset pulse times, we recommend a coil
impress set and reset pulse width of at least 30 ms at
the rated operation voltage.
7) The latching type relay is shipped in the reset position. But
jolts during transport or impacts during installation can change
the reset position. It is, therefore, advisable to build a circuit in
which the relay can be initialized (set and reset) just after turning
on the power.
8) If silicone materials (e.g., silicone rubbers, silicone oils,
silicone coating agents, silicone sealers) are used in the vicinity
of the relay, the gas emitted from the silicone may adhere to the
contacts of the relay during opening and closing and lead to
improper contact. If this is the case, use a material other than
silicone.
No.
Product name
Contents
1
Agilent
85130-60011
Adapter
2.4mm-3.5mm female
.095inch-.138inch female
2
SUHNER
SUCOFLEX104
Cable
3.5mm-3.5mm male
.138inch-.138inch male
PORT2
PORT1
Network
analyzer
Agilent
Technologies
E8363B
1
2
1
2
28.00
1.102
8.89
.350
22.00
.866
15.50
.610
2.80
.110
1.80
.071
22.00
1.80
.071
7.00
.276
2.80
.110
12.00
.472
.866
Calibration board


Similar Description - ARN12A24X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
logo
Nais(Matsushita Electri...
ARJ2003 NAIS-ARJ2003 Datasheet
602Kb / 5P
   SMD RELAYS WITH 8GHz CAPABILITIES
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Siemens Semiconductor G...
BFR14B SIEMENS-BFR14B Datasheet
142Kb / 5P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
BFR14C SIEMENS-BFR14C Datasheet
122Kb / 4P
   NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz
logo
M/A-COM Technology Solu...
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
logo
Linear Technology
LTC5548 LINER-LTC5548 Datasheet
193Kb / 6P
   2GHz to 14GHz Microwave Mixer with Low IF Frequency
logo
M/A-COM Technology Solu...
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com