Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-281F Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-281F
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-281F Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-281F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-281F Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Package Dimensions
Outline 23 (SOT-23)
Outline SOT-323 (SC-70 3 Lead)
Part Number Ordering Information
No. of
Part Number
Devices
Container
HSMS‑281x‑TR2G
10000
13" Reel
HSMS‑281x‑TR1G
3000
7" Reel
HSMS‑281x‑BLKG
100
antistatic bag
x = 0, 2, 3, 4, 5, 7, 8, B, C, E, F, K, L
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical


Similar Part No. - HSMS-281F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-281F BOARDCOM-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281F AVAGO-HSMS-281F Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-281F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com