Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF409618B-7.5TQI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LF409618B-7.5TQI
Description  2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF409618B-7.5TQI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LF409618B-7.5TQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LF409618B-7.5TQI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00B
10/15/2012
IS61LF204836B, IS61VF/VVF204836B
IS61LF409618B, IS61VF/VVF409618B
DQPb
DQb
DQb
VDDQ
VSS
DQb
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSS
DQa
DQa
DQa
DQa
VSS
VDDQ
DQa
DQa
DQPa
DQPc
DQc
DQc
VDDQ
VSS
DQc
DQc
DQc
DQc
VSS
VDDQ
DQc
DQc
NC
VDD
NC
VSS
DQd
DQd
VDDQ
VSS
DQd
DQd
DQd
DQd
VSS
VDDQ
DQd
DQd
DQPd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
ADSC
Synchronous Controller Address Status
ADSP
Synchronous Processor Address Status
ADV
Synchronous Burst Address Advance
BWa
-BWd
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
CE
, CE2, CE2 Synchronous Chip Enable
CLK
Synchronous Clock
DQa-DQd
Synchronous Data Input/Output
DQPa-DQPd
Synchronous Parity Data Input/Output
GW
Synchronous Global Write Enable
MODE
Synchronous Burst Sequence Mode
Selection
OE
Asynchronous Output Enable
Vdd
Power Supply
Vddq
I/O Power Supply
Vss
Ground
ZZ
Asynchronous Snooze Enable
PIN CONFIGURATION
(3 Chip-Enable option)
100-PIN TQFP (2M X 36)


Similar Part No. - IS61LF409618B-7.5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF102418A ISSI-IS61LF102418A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2 ISSI-IS61LF102418A-6.5B2 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B2I ISSI-IS61LF102418A-6.5B2I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3 ISSI-IS61LF102418A-6.5B3 Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF102418A-6.5B3I ISSI-IS61LF102418A-6.5B3I Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF409618B-7.5TQI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A ISSI-IS61LF25636A_10 Datasheet
549Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
logo
Integrated Silicon Solu...
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com