Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F51115ADNEV0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F51115ADNEV0
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51115ADNEV0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F51115ADNEV0 Datasheet HTML 1Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 2Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 3Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 4Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 5Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 6Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 7Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 8Page - Renesas Technology Corp R5F51115ADNEV0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 3 of 107
Jun 19, 2013
RX111 Group
1. Overview
DMA
Data transfer controller
(DTCa)
 Transfer modes: Normal transfer, repeat transfer, and block transfer
 Activation sources: Interrupts
 Chain transfer function
I/O ports
General I/O ports
64-pin /48-pin /40-pin /36-pin
 I/O: 46/30/24/20
 Input: 2/2/1/1
 Pull-up resistors: 38/24/19/16
 Open-drain outputs: 34/24/19/16
 5-V tolerance: 4/4/4/4
Event link controller (ELC)
 Event signals of 35 types can be directly connected to the module
 Operations of timer modules are selectable at event input
 Capable of event link operation for port B
Multi-function pin controller (MPC)
Capable of selecting the input/output function from multiple pins
Timers
Multi-function timer pulse
unit 2 (MTU2a)
 (16 bits × 6 channels) × 1 unit
 Time bases for the six 16-bit timer channels can be provided via up to 16 pulse-input/output lines and
three pulse-input lines
 Select from among eight or seven counter-input clock signals for each channel (PCLK/1, PCLK/4,
PCLK/16, PCLK/64, PCLK/256, PCLK/1024, MTCLKA, MTCLKB, MTCLKC, MTCLKD) other than
channel 5, for which only four signals are available.
 Input capture function
 21 output compare/input capture registers
 Pulse output mode
 Complementary PWM output mode
 Reset synchronous PWM mode
 Phase-counting mode
 Capable of generating conversion start triggers for the A/D converter
Port output enable 2
(POE2a)
Controls the high-impedance state of the MTU’s waveform output pins
Compare match timer
(CMT)
 (16 bits × 2 channels) × 1 unit
 Select from among four clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/512)
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Count clock: Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 1, 16, 32, 64, 128, or 256
Realtime clock (RTCA)
 Clock source: Sub-clock
 Calendar count mode or binary count mode selectable
 Interrupts: Alarm interrupt, periodic interrupt, and carry interrupt
Communication
functions
Serial communications
interfaces (SCIe, SCIf)
 3 channels (channel 1, 5: SCIe, channel 12: SCIf)
 Serial communications modes: Asynchronous, clock synchronous, and smart card interface
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Average transfer rate clock can be input from MTU2 timers
 Simple I2C
 Simple SPI
 Master/slave mode supported (SCIf only)
 Start frame and information frame are included (SCIf only)
 Start-bit detection in asynchronous mode: Low level or falling edge is selectable
I2C bus interface (RIIC)
 1 channel
 Communications formats:
I2C bus format/SMBus format
 Master mode or slave mode selectable
 Supports fast mode
Serial peripheral interface
(RSPI)
 1 channel
 Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPI
clock (RSPCK) signals enables serial transfer through SPI operation (four lines) or clock-
synchronous operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to 8, 9, 10, 11, 12, 13, 14, 15, 16, 20, 24, or
32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
Table 1.1
Outline of Specifications (2/3)
Classification
Module/Function
Description


Similar Part No. - R5F51115ADNEV0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51115ADNE RENESAS-R5F51115ADNE Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51115ADNE RENESAS-R5F51115ADNE Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F51115ADNE RENESAS-R5F51115ADNE Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51115ADNE#UA RENESAS-R5F51115ADNE#UA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F51115ADNEUA RENESAS-R5F51115ADNEUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results

Similar Description - R5F51115ADNEV0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com