Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-217-760E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-217-760E
Description  DC Input , Half-Pitch Phototransistor Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-217-760E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-217-760E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-217-760E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ordering Information
ACPL-217-xxxx is UL Recognized with 3000 Vrms for 1 minute per UL1577 and Canadian Component Acceptance
Notice #5.
Part
number
RoHS Compliant Option
Package
Quantity
Rank ‘0’
50%
<CTR<
600%
IF=5mA,
VCE=5V
Rank ‘A’
80%
<CTR
<160%
IF=5mA,
VCE=5V
Rank ‘B’
130%
<CTR<
260%
IF=5mA,
VCE=5V
Rank ‘C’
200%
<CTR<
400%
IF=5mA,
VCE=5V
Rank ‘D’
300%
<CTR<
600%
IF=5mA
VCE=5V
ACPL
-217
-500E
-50AE
-50BE
-50CE
-50DE
SO-4
x
x
0
°
3000 pcs per reel
-560E
-56AE
-56BE
-56CE
-56DE
SO-4
x
x
0
°
X
3000 pcs per reel
-700E
-70AE
-70BE
-70CE
-70DE
SO-4
x
X
180
°
3000 pcs per reel
-760E
-76AE
-76BE
-76CE
-76DE
SO-4
x
x
180
°
X
3000 pcs per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-217-560E to order product of SO-4 Surface Mount package in Tape & Reel packaging with IEC/EN/DIN EN
60767-5-2 Safety Approval, 50%<CTR<600% and RoHS compliant.
Example 2
ACPL-217-50BE to order product of SO-4 Surface Mount package in Tape & Reel packaging with 130%<CTR<260% and
RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Outline Drawings


Similar Part No. - ACPL-217-760E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-217-760E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
   DC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-50CE AVAGO-ACPL-217-50CE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-217 AVAGO-ACPL-217 Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler SO package
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-227 BOARDCOM-ACPL-227 Datasheet
966Kb / 11P
   DC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com