Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M453-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M453-500E
Description  Small Outline, 5 Lead, High Speed Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M453-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M453-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M453-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Electrical Specifications
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. (See note 11.)
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current Transfer
Ratio
CTR
20
24
50
%
TA = 25°C
VO = 0.4 V
VCC = 4.5 V
IF = 16 mA
1, 2, 4
5
15
25
VO = 0.5 V
Logic Low Output
Voltage
VOL
0.1
0.4
V
TA = 25°C
IO = 3.0 mA
0.5
IO = 2.4 mA
Logic High Output
Current
IOH
0.003
0.5
PA
TA = 25°C
VO = VCC =
5.5 V
IF = 0 mA
7
0.01
1
TA = 25°C
VO = VCC =
15.0 V
50
Logic Low Supply
Current
ICCL
50
200
IF = 16 mA, VO = Open, VCC = 15 V
11
Logic High Supply
Current
ICCH
0.02
1
TA = 25°C
IF = 0 mA, VO = Open,
VCC = 15.0 V
11
2
Input Forward
Voltage
VF
1.5
1.7
V
TA = 25°C
IF = 16 mA
3
1.8
Input Reverse
Breakdown Voltage
BVR
5
IR = 10
PA
Temperature
Coefficient of
Forward Voltage
'VF/
'TA
-1.6
mV/°C
IF = 16 mA
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
Input-Output
Insulation
VISO
3750
VRMS
RH ≤ 50%, t = 1 min., TA = 25°C
6, 7
Resistance
(Input-Output)
RI-O
1012
:
VI-O = 500 VDC
6
Capacitance
(Input-Output)
CI-O
0.6
pF
f = 1 MHz
6
* All typicals at TA = 25°C.


Similar Part No. - HCPL-M453-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M453 HP-HCPL-M453 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results

Similar Description - HCPL-M453-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPLM700 ETC1-HCPLM700 Datasheet
95Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com