Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW4504-300E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNW4504-300E
Description  High CMR, High Speed Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNW4504-300E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCNW4504-300E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNW4504-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• Short propagation delays for TTL and IPM applications
• 15 kV/μs minimum Common Mode Transient immu-
nity at VCM = 1500 V for TTL/load drive
• High CTR at T
A = 25°C
>25% for HCPL-4504/0454
>23% for HCNW4504
>19% for HCPL-J454
• Electrical specifications for common IPM applications
• TTL compatible
• Open collector output
• Safety approval:
UL recognized
– 3750 V rms/1min. for HCPL-4504/0454/J454
– 5000 V rms/1min. for HCPL-4504 Option 020 and
HCNW4504
CSA approved
IEC/EN/DIN EN 60747-5-2 approved
– VIORM = 560 Vpeak for HCPL-0454 Option 060
– VIORM = 630 Vpeak for HCPL-4504 Option 060
– VIORM = 891 Vpeak for HCPL-J454
– VIORM = 1414 Vpeak for HCNW4504
Applications
• Inverter circuits and Intelligent Power Module (IPM)
interfacing: High Common Mode Transient immunity
(> 10 kV/μs for an IPM load/drive) and (tPLH - tPHL)
Specified (see Power Inverter Dead Time section)
• Line receivers: Short propagation delays and low in-
put-output capacitance
• High speed logic ground isolation: TTL/TTL, TTL/
CMOS, TTL/LSTTL
• Replaces pulse transformers: Save board space and
weight
• Analog signal ground isolation: Integrated photode-
tector provides improved linearity over phototransis-
tors
A 0.1 μF bypass capacitor between pins 5 and 8 is recommended.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
NC
VO
GND
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
Description
The HCPL-4504 and HCPL-0454 contain a GaAsP LED
while the HCPL-J454 and HCNW4504 contain an AlGaAs
LED. The LED is optically coupled to an integrated high
gain photo detector.
The HCPL-4504 series has short propagation delays and
high CTR. The HCPL-4504 series also has a guaranteed
propagation delay difference (tPLH-tPHL). These features
make the HCPL-4504 series an excellent solution to IPM
inverter dead time and other switching problems. The
CTR, propagation delay, and CMR are specified both for
TTL and IPM conditions which are provided for ease of
application. These single channel, diode-transistor opto-
couplers are available in 8-Pin DIP, SO-8, and Widebody
package configurations. An insulating layer between a
LED and an integrated photodetector provide electrical
insulation between input and output. Separate connec-
tions for the photodiode bias and output-transistor col-
lector increase the speed up to a hundred times that of
a conventional phototransistor coupler by reducing the
base collector capacitance.
Functional Diagram
HCPL-4504/J454/0454, HCNW4504
High CMR, High Speed Optocouplers
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Schematic
IF
SHIELD
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+


Similar Part No. - HCNW4504-300E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNW4504 HP-HCNW4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
HCNW4504 HP-HCNW4504 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4504 AVAGO-HCNW4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
More results

Similar Description - HCNW4504-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com