Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW2611-000E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNW2611-000E
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNW2611-000E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCNW2611-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCNW2611-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Insulation and Safety Related Specifications
8-pin DIP
Widebody
(300 Mil)
SO-8
(400 Mil)
Parameter
Symbol
Value
Value
Value
Unit
Conditions
Minimum External
L(101)
7.1
4.9
9.6
mm
Measured from input terminals
Air Gap
to output terminals, shortest
(External Clearance)
distance through air.
Minimum External
L(102)
7.4
4.8
10.0
mm
Measured from input terminals
Tracking
to output terminals, shortest
(External Creepage)
distance path along body.
Minimum Internal
0.08
0.08
1.0
mm
Through insulation distance,
Plastic Gap
conductor to conductor, usually
(Internal Clearance)
the direct distance between the
photoemitter and photodetector
inside the optocoupler cavity.
Minimum Internal
NA
NA
4.0
mm
Measured from input terminals
Tracking
to output terminals, along
(Internal Creepage)
internal cavity.
Tracking Resistance
CTI
200
200
200
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
(HCPL-06xx Option 060 Only)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage ≤ 150 V
rms
I-IV
for rated mains voltage ≤ 300 V
rms
I-IV
for rated mains voltage ≤ 600 V
rms
I-III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
V
IORM
567
V
peak
Input-to-Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
1063
V
peak
Partial Discharge < 5 pC
Input-to-Output Test Voltage, Method a*
V
IORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
V
PR
907
V
peak
Partial Discharge < 5 pC
Highest Allowable Overvoltage
(Transient Overvoltage, t
ini = 60 sec)
V
IOTM
6000
V
peak
Safety Limiting Values (Maximum values allowed in the event of a failure)
Case Temperature
T
S
150
°C
Input Current**
I
S,INPUT
150
mA
Output Power**
P
S,OUTPUT
600
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥109
Ω
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-5, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Similar Part No. - HCNW2611-000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNW2611 HP-HCNW2611 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCNW2611 HP-HCNW2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCNW2611 HP-HCNW2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2611 AVAGO-HCNW2611 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCNW2611 AVAGO-HCNW2611 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCNW2611-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com