Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-817-06LE Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-817-06LE
Description  Phototransistor Optocoupler High Density Mounting Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-817-06LE Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-817-06LE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-06LE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs. temperature.
Figure 3. Collector-emitter saturation voltage vs. forward current.
* CTR =
x 100%
IC
IF
Electrical Specifications (TA = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.2
1.4
V
IF = 20 mA
Reverse Current
IR
––10
μA
VR = 4 V
Terminal Capacitance
Ct
30
250
pF
V = 0, f = 1 KHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V
Collector-Emitter Breakdown Voltage
BVCEO
70
––V
IC = 0.1 mA
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10
μA
Collector Current
IC
2.5
30
mA
IF = 5 mA, VCE = 5 V,
RBE = ∞
*Current Transfer Ratio
CTR
50
600
%
Collector-Emitter Saturation Voltage
VCE(sat)
0.1
0.2
V
IF = 20 mA, IC = 1 mA
Response Time (Rise)
tr
–4
18
μs
VCE = 2 V, IC = 2 mA
RL = 100
Ω
Response Time (Fall)
tf
–3
18
μs
Cut-off Frequency
fc
–80
KHz
VCC = 5 V, IC = 2 mA
RL = 100
Ω, –3 dB
Isolation Resistance
Riso
5 x 1010
1 x 1011
Ω
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1.0
pF
V = 0, f = 1 MHz
0
TA – AMBIENT TEMPERATURE – °C
50
10
40
75
125
25
0
50
100
-30
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-30
0
IF – FORWARD CURRENT – mA
2
10
15
5
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA


Similar Part No. - HCPL-817-06LE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817-060 HP-HCPL-817-060 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-817-06LE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com