Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-817-W0LE Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-817-W0LE
Description  Phototransistor Optocoupler High Density Mounting Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-817-W0LE Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-817-W0LE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-817-W0LE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2009 Avago Technologies. All rights reserved. Obsoletes AV01-0534EN
AV02-0265N - November 5, 2009
Test Circuit for Response Time
Test Circuit for Frequency Response
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
0.1
RL – LOAD RESISTANCE – kW
1
0.2
0.5
500
2
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
0.1
5
0.5
0.2
2
10
0.05
1
5
10
20
50
100
200
ts
td
f – FREQUENCY – kHz
-20
-10
0
1
20
500
5
210
50
0.5
100
200
RL = 10 k
Ω
RL = 1 k
Ω
RL = 100
Ω
VCE = 2 V
IC = 2 mA
TA = 25°C
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
td
tr
tf
ts
VCC
RD
RL
OUTPUT
~


Similar Part No. - HCPL-817-W0LE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817-W00 HP-HCPL-817-W00 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-817-W0LE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com