Electronic Components Datasheet Search |
|
AGL125V5-UC144YES Datasheet(PDF) 2 Page - Microsemi Corporation |
|
AGL125V5-UC144YES Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 250 page IGLOO Low Power Flash FPGAs II Revision 23 I/Os Per Package1 IGLOO Devices AGL0152 AGL030 AGL060 AGL125 AGL250 AGL400 AGL600 AGL1000 ARM-Enabled IGLOO Devices M1AGL250 M1AGL600 M1AGL1000 Package I/O Type3 QN48 –34 – – – – – – – – – – QN68 49 49 – – – – – – – – – – UC81 –66 – – – – – – – – – – CS81 –66 – – 60 7 – – – – – – CS121 –– 96 96 – – – – – – – – VQ100 –77 71 71 68 13 – – – – – – QN132 –81 80 84 87 5,6 19 5,6 –– – – – – CS196 –– – 133 143 5 35 5 143 35 – – – – FG144 –– 96 7 97 97 24 97 25 97 25 97 25 FG2567 – – – – – – 178 38 177 43 177 44 CS281 – – – – – – – – 215 53 215 53 FG4847 – – – – – – 194 38 235 60 300 74 Notes: 1. When considering migrating your design to a lower- or higher-density device, refer to the IGLOO FPGA Fabric User’s Guide to ensure compliance with design and board migration requirements. 2. AGL015 is not recommended for new designs. 3. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single- ended user I/Os available is reduced by one. 4. Each used differential I/O pair reduces the number of single-ended I/Os available by two. 5. The M1AGL250 device does not support QN132 or CS196 packages. 6. Device/package support TBD. 7. FG256 and FG484 are footprint-compatible packages. Table 1 • IGLOO FPGAs Package Sizes Dimensions Package UC81 CS81 CS121 QN48 QN68 QN132 CS196 CS281 FG144 VQ100 FG256 FG484 Length × Width (mm\mm) 4 × 4 5 × 5 6 × 6 6 × 6 8 × 8 8 × 8 8 × 8 10 × 10 13 × 13 14 × 14 17 × 17 23 × 23 Nominal Area (mm2) 16 25 36 36 64 64 64 100 169 196 289 529 Pitch (mm) 0.4 0.5 0.5 0.4 0.4 0.5 0.5 0.5 1.0 0.5 1.0 1.0 Height (mm) 0.80 0.80 0.99 0.90 0.90 0.75 1.20 1.05 1.45 1.00 1.60 2.23 |
Similar Part No. - AGL125V5-UC144YES |
|
Similar Description - AGL125V5-UC144YES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |