Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP361MUTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP361MUTBG
Description  USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP361MUTBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP361MUTBG Datasheet HTML 1Page - ON Semiconductor NCP361MUTBG Datasheet HTML 2Page - ON Semiconductor NCP361MUTBG Datasheet HTML 3Page - ON Semiconductor NCP361MUTBG Datasheet HTML 4Page - ON Semiconductor NCP361MUTBG Datasheet HTML 5Page - ON Semiconductor NCP361MUTBG Datasheet HTML 6Page - ON Semiconductor NCP361MUTBG Datasheet HTML 7Page - ON Semiconductor NCP361MUTBG Datasheet HTML 8Page - ON Semiconductor NCP361MUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP361, NCV361
http://onsemi.com
5
1.2 V
FLAG
Vout
Vin
UVLO
tstart
0.8 Vin
ton
<OVLO
Vin − RDS(on) x I
FLAG
Vout
Vin
0.4 V
0.3 V
tstop
toff
OVLO
Vin − RDSon x I
Figure 3. Start Up Sequence
Figure 4. Shutdown on Over Voltage Detection
Figure 5. Disable on EN = 1
Figure 6. FLAG Response with EN = 1
1.2 V
FLAG
Vout
tdis
Vin − RDS(on) x I
EN
0.3 V
1.2 V
FLAG
Vout
EN
tstart
UVLO
OVLO
Voltage, Current and Thermal Detection
IN
OUT
VIN > OVLO or VIN < UVLO
CONDITIONS
Figure 7.
Voltage, Current and Thermal Detection
IN
OUT
UVLO < VIN < OVLO
CONDITIONS
Figure 8.
TYPICAL OPERATING CHARACTERISTICS


Similar Part No. - NCP361MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP361MUTBG ONSEMI-NCP361MUTBG Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361MUTBG ONSEMI-NCP361MUTBG Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
More results

Similar Description - NCP361MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com