Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6121S52MNR2G Datasheet(PDF) 23 Page - ON Semiconductor

Part # NCP6121S52MNR2G
Description  Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6121S52MNR2G Datasheet(HTML) 23 Page - ON Semiconductor

Back Button NCP6121S52MNR2G Datasheet HTML 19Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 20Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 21Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 22Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 23Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 24Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 25Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 26Page - ON Semiconductor NCP6121S52MNR2G Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
NCP6121
http://onsemi.com
23
equations. Cout is the total output capacitance and Rout is the
output impedance of the system.
+
5
7
6
CSREF
CSCOMP
CSSUM
Cdroop
Rdroop
Rdroop + Cout * Rout * 453.6
106
Cdroop +
Rout *Cout
Rdroop
Figure 8.
If the Droop at maximum load is less than 100mV at
ICCMAX we recommend altering this filter into a voltage
divider such that a larger signal can be provided to the
ILIMIT resistor by increasing the CSCOMP amp gain for
better current monitor accuracy. The DROOP pin divider
gain should be set to provide a voltage from DROOP to
CSREF equal to the amount of voltage droop desired in the
output. A current is applied to the DROOP pin during
dynamic VID. In this case Rdroop1 in parallel with Rdroop2
should be equal to Rdroop.
+
5
7
6
CSREF
CSSUM
CSCOMP
Cdroop
Rdroop1
Rdroop2
Figure 9.
Programming IOUT
The IOUT pin sources a current in proportion to the
ILIMIT sink current. The voltage on the IOUT pin is
monitored by the internal A/D converter and should be
scaled with an external resistor to ground such that a load
equal to ICCMAX generates a 2 V signal on IOUT. A
pull−up resistor from 5 V VCC can be used to offset the
IOUT signal positive if needed.
RIOUT +
2.0 V * RLIMIT
10 *
Rcs2)
Rcs1*Rth
Rcs1)Rth
Rph
* IoutICC_MAX * DCR
(eq. 7)
Programming ICC_MAX and ICC_MAXA
The SVID interface provides the platform ICC_MAX
value at register 21h for both the multiphase and the single
phase rail. A resistor to ground on the IMAX and IMAXA
pins program these registers at the time the part in enabled.
10
mA is sourced from these pins to generate a voltage on the
program resistor. The value of the register is 1 A per LSB
and is set by the equation below. The resistor value should
be no less than 10k.
ICC_MAX21h +
R*10 mA * 256 A
2V
(eq. 8)
Programming TSENSE and TSENSEA
Two temperature sense inputs are provided. A precision
current is sourced out the output of the TSENSE and
TSENSEA pins to generate a voltage on the temperature
sense network. The voltages on the temperature sense inputs
are sampled by the internal A/D converter. A 100k NTC
similar to the VISHAY ERT−J1VS104JA should be used.
Rcomp1 is mainly used for noise. See the specification table
for the thermal sensing voltage thresholds and source
current.
Rcomp2
8.2K
RNTC
100K
Cfilter
0.1uF
AGND
AGND
Rcomp1
0.0
TSENSE
Figure 10.
Precision Oscillator
A programmable precision oscillator is provided. The
clock oscillator serves as the master clock to the ramp
generator circuit. This oscillator is programmed by a resistor
to ground on the ROSC pin. The oscillator frequency range
is between 200 kHz/phase to 1 MHz/phase. The ROSC pin
provides approximately 2 V out and the source current is
mirrored into the internal ramp oscillator. The oscillator
frequency is approximately proportional to the current
flowing in the ROSC resistor.
NCP6121 Operating Frequency versus Rosc
6.98 kW
400 kHz
Fs
+ ROSC
(eq. 9)


Similar Part No. - NCP6121S52MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
More results

Similar Description - NCP6121S52MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81142 ONSEMI-NCP81142 Datasheet
321Kb / 21P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2018 - Rev. 3
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
   82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com