Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR12DSN-1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MCR12DSN-1G
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR12DSN-1G Datasheet(HTML) 5 Page - ON Semiconductor

  MCR12DSN-1G Datasheet HTML 1Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 2Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 3Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 4Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 5Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 6Page - ON Semiconductor MCR12DSN-1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCR12DSM, MCR12DSN
http://onsemi.com
5
Figure 9. Holding Current versus
Gate−Cathode Resistance
1000
10 K
100
RGK, GATE-CATHODE RESISTANCE (OHMS)
10
6.0
4.0
2.0
0
TJ = 25°C
Figure 10. Exponential Static dv/dt versus
Gate−Cathode Resistance and Junction
Temperature
100
RGK, GATE-CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
IGT = 10 mA
Figure 11. Exponential Static dv/dt versus
Gate−Cathode Resistance and Peak Voltage
Figure 12. Exponential Static dv/dt versus
Gate−Cathode Resistance and Gate Trigger
Current Sensitivity
8.0
IGT = 25 mA
100
90
°C
70
°C
100
RGK, GATE-CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
100
VPK = 800 V
600 V
400 V
100
RGK, GATE-CATHODE RESISTANCE (OHMS)
1000
10
1.0
VD = 800 V
TJ = 110°C
1000
100
IGT = 10 mA
IGT = 25 mA
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MCR12DSMT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
MCR12DSN−1G
IPAK
(Pb−Free)
369D
75 Units / Rail
MCR12DSNT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MCR12DSN-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR12DSN-001 ONSEMI-MCR12DSN-001 Datasheet
73Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR12DSN-001 KERSEMI-MCR12DSN-001 Datasheet
436Kb / 7P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-001G ONSEMI-MCR12DSN-001G Datasheet
73Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results

Similar Description - MCR12DSN-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com