Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4200-500E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200-500E
Description  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200-500E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
DC Electrical Specifications
For 0°C ≤T
A
≤70°C, 4.5 V ≤V
CC
≤20 V, V
E
= 0.8 V, all typicals at T
A
= 25°C and V
CC
= 5 V unless otherwise noted. See note 13.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Mark State Input
I
MI
12
mA
2, 3,
Current
4
Mark State Input
V
MI
2.52
2.75
Volts
I
I
= 20 mA
V
E
= Don’t Care
4, 5
Voltage
Space State Input
I
SI
3
mA
2, 3,
Current
4
Space State Input
V
SI
1.6
2.2
Volts
I
I
= 0.5 to 2.0 mA
V
E
= Don’t
2, 4
Voltage
Care
Input Hysteresis
I
HYS
0.3
0.8
mA
2
Current
Logic Low Output
V
OL
0.5
Volts
I
OL
= 6.4 mA
I
I
= 3 mA
6
Voltage
(4 TTL Loads)
Logic High Output
V
OH
2.4
Volts
I
OH
= -2.6 mA,
I
I
= 12 mA
7
Voltage
Output Leakage
I
OHH
100
μA
V
O
= 5.5 V
I
I
= 20 mA
500
μA
V
O
= 20 V
Logic High Enable
V
EH
2.0
Volts
Voltage
Logic Low Enable
V
EL
0.8
Volts
Voltage
Logic High Enable
I
EH
20
μA
V
E
= 2.7 V
100
μA
V
E
= 5.5 V
0.004
250
μA
V
E
= 20 V
Logic Low Enable
I
EL
-0.32
mA
V
E
= 0.4 V
Current
Logic Low Supply
I
CCL
4.5
6.0
mA
V
CC
= 5.5 V
I
I
= 0 mA
5.25
7.5
mA
V
CC
= 20 V
Logic High Supply
I
CCH
2.7
4.5
mA
V
CC
= 5.5 V
I
I
= 20 mA
3.1
6.0
mA
V
CC
= 20 V
High Impedance
I
OZL
-20
μA
V
O
= 0.4 V
V
E
= 2 V,
I
OZH
20
μA
V
O
= 2.4 V
100
μA
V
O
= 5.5 V
500
μA
V
O
= 20 V
Logic Low Short
I
OSL
25
mA
V
O
= V
CC
= 5.5 V
I
I
= 0 mA
5
40
mA
V
O
= V
CC
= 20 V
Logic High Short
I
OSH
-10
mA
V
CC
= 5.5 V
I
I
= 20 mA
5
-25
mA
V
CC
= 20 V
Input Capacitance
C
IN
120
pF
f = 1 MHz, V
I
= 0 V dc,
Pins 1 and 2
Current (V
OUT
> V
CC
)
Current
Current
State Output
Current
Current
Circuit Output Cur-
rent
Circuit Output Cur-
rent
I
I
= 20 mA
V
O
= GND
V
CC
= 4.5 V
V
E
= Don’t Care
V
E
= Don’t Care


Similar Part No. - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

Similar Description - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com