Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C87B-000E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87B-000E
Description  Precision Optically Isolated Voltage Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87B-000E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C87B-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Figure 19. Typical application circuit.
Definitions
Gain
Gain is defined as the slope of the best-fit line of differen-
tial output voltage (VOUT+ – VOUT-) over the nominal input
range, with offset error adjusted out.
Nonlinearity
Nonlinearity is defined as half of the peak-to-peak output
deviation from the best-fit gain line, expressed as a per-
centage of the full-scale differential output voltage.
Common Mode Transient Immunity, CMTI, also known
as Common Mode Rejection
CMTI is tested by applying an exponentially rising/falling
voltage step on pin 4 (GND1) with respect to pin 5 (GND2).
The rise time of the test waveform is set to approximately
50 ns. The amplitude of the step is adjusted until the dif-
ferential output (VOUT+ – VOUT-) exhibits more than a 200
mV deviation from the average output voltage for more
than 1μs. The ACPL-C87x will continue to function if more
than 10 kV/
s common mode slopes are applied, as long
as the breakdown voltage limitations are observed.
Power Supply Rejection, PSR
PSRR is the ratio of differential amplitude of the ripple
outputs over power supply ripple voltage, referred to the
input, expressed in dB.
Application Information
Application Circuit
The typical application circuit is shown in Figure 19.
The ACPL-C87X voltage sensor is often used in photo-
voltaic (PV) panel voltage measurement and tracking in
PV inverters, and DC bus voltage monitoring in motor
drivers. The high voltage across rails needs to be scaled
down to fit the input range of the iso-amp by choosing R1
and R2 values according to appropriate ratio.
The ACPL-C87X senses the single-ended input signal
and produces differential outputs across the galvanic
isolation barrier. The differential outputs (Vout+, Vout-)
can be connected to an op-amp to convert to a single-
ended signal or directly to two ADCs. The op-amp used in
the external post-amplifier circuit should be of sufficiently
high precision so that it does not contribute a significant
amount of offset or offset drift relative to the contribu-
tion from the isolation amplifier. Generally, op-amps with
bipolar input stages exhibit better offset performance
than op-amps with JFET or MOSFET input stages.
In addition, the op-amp should also have enough
bandwidth and slew rate so that it does not adversely
affect the response speed of the overall circuit. The post-
amplifier circuit includes a pair of capacitors (C4 and C5)
that form a single-pole low-pass filter; these capacitors
allow the bandwidth of the post-amp to be adjusted in-
dependently of the gain and are useful for reducing the
output noise from the isolation amplifier.
The gain-setting resistors in the post-amp should have a
tolerance of 1% or better to ensure adequate CMRR and
adequate gain tolerance for the overall circuit. Resistor
networks can be used that have much better ratio toler-
ances than can be achieved using discrete resistors. A
resistor network also reduces the total number of compo-
nents for the circuit as well as the required board space.
VDD1
1
VIN
2
SHDN
3
GND1
4
GND2
5
VOUT-
6
VOUT+
7
VDD2
8
U1
ACPL-C87X
GND2
R4
10K,1%
GND2
VDD2
VDD1
Vout
GND1
L1
L2
R2
10K
C1
100 pF
C2
100 nF
C3
100 nF
R3
10K,1%
R1
U2
OPA237
V+
V-
C4
100 pF
R5
10K, 1%
C5
100 pF
R6
10K, 1%


Similar Part No. - ACPL-C87B-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
   Precision Optically Isolated Voltage Sensor
More results

Similar Description - ACPL-C87B-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
   Low Voltage Optically Isolated Error Amplifiers
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com