Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA1EKK4R7I Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA1EKK4R7I
Description  Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1EKK4R7I Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA1EKK4R7I Datasheet HTML 1Page - Panasonic Semiconductor ECEA1EKK4R7I Datasheet HTML 2Page - Panasonic Semiconductor ECEA1EKK4R7I Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminum Electrolytic Capacitors/ KS
 EE119 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, i=2.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
Endurance : 85
°C 1000h
22
3
5
19
0.35
0.40
1.0
5.0
2.5
ECEA0GKK220( )
200
2000
33
4
5
26
0.35
0.45
1.5
5.0
2.5
ECEA0GKS330( )
200
2000
47
4
5
34
0.35
0.45
1.5
5.0
2.5
ECEA0GKS470( )
200
2000
100
5
5
61
0.35
0.45
2.0
5.0
2.5
ECEA0GKS101( )
200
2000
220
6.3
5
82
0.35
0.45
2.5
5.0
2.5
ECEA0GKS221( )
200
2000
22
4
5
29
0.24
0.45
1.5
5.0
2.5
ECEA0JKS220( )
200
2000
33
5
5
38
0.24
0.45
2.0
5.0
2.5
ECEA0JKS330( )
200
2000
47
5
5
46
0.24
0.45
2.0
5.0
2.5
ECEA0JKS470( )
200
2000
100
6.3
5
71
0.24
0.45
2.5
5.0
2.5
ECEA0JKS101( )
200
2000
330
8
5
130
0.24
0.45
2.5
2.5
ECEA0JKS331( )
200
1000
8
5
130
0.24
0.45
5.0
ECEA0JKS331Q
1000
22
5
5
35
0.20
0.45
2.0
5.0
2.5
ECEA1AKS220( )
200
2000
33
5
5
43
0.20
0.45
2.0
5.0
2.5
ECEA1AKS330( )
200
2000
47
6.3
5
65
0.20
0.45
2.5
5.0
2.5
ECEA1AKS470( )
200
2000
100
6.3
5
80
0.20
0.45
2.5
5.0
2.5
ECEA1AKS101( )
200
2000
220
8
5
120
0.20
0.45
2.5
2.5
ECEA1AKS221( )
200
1000
8
5
120
0.20
0.45
5.0
ECEA1AKS221Q
1000
10
3
5
20
0.16
0.40
1.0
5.0
2.5
ECEA1CKK100( )
200
2000
4
5
28
0.16
0.45
1.5
5.0
2.5
ECEA1CKS100( )
200
2000
22
5
5
39
0.16
0.45
2.0
5.0
2.5
ECEA1CKS220( )
200
2000
16
33
6.3
5
60
0.16
0.45
2.5
5.0
2.5
ECEA1CKS330( )
200
2000
47
6.3
5
70
0.16
0.45
2.5
5.0
2.5
ECEA1CKS470( )
200
2000
100
8
5
91
0.16
0.45
2.5
2.5
ECEA1CKS101( )
200
1000
8
5
91
0.16
0.45
5.0
ECEA1CKS101Q
1000
2.2
3
5
8
0.14
0.40
1.0
5.0
2.5
ECEA1EKK2R2( )
200
2000
3.3
3
5
10
0.14
0.40
1.0
5.0
2.5
ECEA1EKK3R3( )
200
2000
4.7
3
5
12
0.14
0.40
1.0
5.0
2.5
ECEA1EKK4R7( )
200
2000
4
5
22
0.14
0.45
1.5
5.0
2.5
ECEA1EKS4R7( )
200
2000
10
5
5
28
0.14
0.45
2.0
5.0
2.5
ECEA1EKS100( )
200
2000
22
6.3
5
55
0.14
0.45
2.5
5.0
2.5
ECEA1EKS220( )
200
2000
33
6.3
5
65
0.14
0.45
2.5
5.0
2.5
ECEA1EKS330( )
200
2000
100
8
5
85
0.14
0.45
2.5
2.5
ECEA1EKS101( )
200
1000
8
5
85
0.14
0.45
5.0
ECEA1EKS101Q
1000
3.3
4
5
16
0.12
0.45
1.5
5.0
2.5
ECEA1VKS3R3( )
200
2000
4.7
4
5
22
0.12
0.45
1.5
5.0
2.5
ECEA1VKS4R7( )
200
2000
10
5
5
30
0.12
0.45
2.0
5.0
2.5
ECEA1VKS100( )
200
2000
22
6.3
5
60
0.12
0.45
2.5
5.0
2.5
ECEA1VKS220( )
200
2000
33
8
5
65
0.12
0.45
2.5
2.5
ECEA1VKS330( )
200
1000
8
5
65
0.12
0.45
5.0
ECEA1VKS330Q
1000
47
8
5
85
0.12
0.45
2.5
2.5
ECEA1VKS470( )
200
1000
8
5
85
0.12
0.45
5.0
ECEA1VKS470Q
1000
0.1
3
5
1
0.10
0.40
1.0
5.0
2.5
ECEA1HKK0R1( )
200
2000
4
5
1
0.10
0.45
1.5
5.0
2.5
ECEA1HKS0R1( )
200
2000
(mm) (mm)
(mm)
(pcs)
(pcs)
(V)
(µF)
(mm)
(mm)
tan
δ
(120Hz)
(+20
°C)
(mm)
(m A )
10
35
6.3
Lead Space
Specification
Dia.
Length
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Ripple
current
(120Hz)
(+85
°C)
Part No.
Taping
Taping
i
B
Min.PackagingQ'ty
Straight
Leas
Taping
i
i
25
50
4


Similar Part No. - ECEA1EKK4R7I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1EKA100 PANASONIC-ECEA1EKA100 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA1EKA100 PANASONIC-ECEA1EKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1EKA100 PANASONIC-ECEA1EKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1EKA100 PANASONIC-ECEA1EKA100 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA1EKA100 PANASONIC-ECEA1EKA100 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA1EKK4R7I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CKS100I PANASONIC-ECE-A1CKS100I Datasheet
61Kb / 2P
   Aluminum Electrolytic Capacitors/ KS
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
Panasonic Semiconductor
ECA-1VHG330 PANASONIC-ECA-1VHG330 Datasheet
448Kb / 6P
   Alumlnum Electrolytic Capacitors Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com