Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C870-000E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C870-000E
Description  Precision Optically Isolated Voltage Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C870-000E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C870-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C870-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 15. Phase Response
Figure 16. Propagation Delay vs Temperature
Figure 18. Input to Output Propagation Delay Timing Diagram. VOut Diff = VOut+ - VOut-
Figure 17. Shutdown And Wakeup Input To Output Timing Diagram. VOut Diff = VOut+ - VOut-
Vin
VSD
VOutDiff
+2 V
-2.46 V
0 V
0 V
2 V
0 V
5V
tSD
tON
VIN
VOut Diff
0 V
2 V
0 V
2 V
TPLH50-10
TPLH50-50
TPLH50-90
TPLH 50-10
TPLH 50-50
TPLH 50-90
0
20
40
60
80
100
120
140
160
180
200
1000
10000
100000
Bandwidth (Hz)
0
1
2
3
4
5
6
-55
-35
-15
5
25
45
65
85
105
125
Temp ( C)


Similar Part No. - ACPL-C870-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C870 AVAGO-ACPL-C870 Datasheet
559Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C870 BOARDCOM-ACPL-C870 Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
More results

Similar Description - ACPL-C870-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
   Low Voltage Optically Isolated Error Amplifiers
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com