Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C16AWA-12T Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28C16AWA-12T
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16AWA-12T Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28C16AWA-12T Datasheet HTML 1Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 2Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 3Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 4Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 5Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 6Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 7Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 8Page - ON Semiconductor CAT28C16AWA-12T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 6
1
Publication Order Number:
CAT28C16A/D
CAT28C16A
16 kb CMOS Parallel
EEPROM
Description
The CAT28C16A is a fast, low power, 5V−only CMOS Parallel
EEPROM organized as 2K x 8−bits. It requires a simple interface for
in−system programming. On−chip address and data latches,
self−timed write cycle with auto−clear and VCC power up/down write
protection eliminate additional timing and protection hardware. DATA
Polling signals the start and end of the self−timed write cycle.
Additionally, the CAT28C16A features hardware write protection.
The CAT28C16A is manufactured using ON Semiconductor’s
advanced CMOS floating gate technology. It is designed to endure
100,000 program/erase cycles and has a data retention of 100 years.
The device is available in JEDEC approved 24−pin DIP and SOIC or
32−pin PLCC packages.
Features
Fast Read Access Times: 90 ns, 120 ns, 200 ns
Low Power CMOS Dissipation:
– Active: 25 mA Max.
– Standby: 100
mA Max.
Simple Write Operation:
– On−chip Address and Data Latches
– Self−timed Write Cycle with Auto−clear
Fast Write Cycle Time: 10 ms Max
End of Write Detection: DATA Polling
Hardware Write Protection
CMOS and TTL Compatible I/O
100,000 Program/Erase Cycles
100 Year Data Retention
Commercial, Industrial and Automotive Temperature Ranges
PIN CONFIGURATION
TOP VIEW
PLCC Package (N, G)
DIP Package (L)
SOIC Package (J, K, W, X)
5
4
7
6
3
2
1
10
9
12
11
8
20
21
18
19
22
23
24
15
16
13
14
17
VCC
A8
A9
WE
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
5
7
6
10
9
12
11
8
13
14 15 16 17 18 19 20
4 3 2 1 32 31 30
29
27
28
24
25
22
23
26
21
A8
A9
NC
NC
OE
A10
CE
I/O7
I/O6
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
PDIP−24
L SUFFIX
CASE 646AD
PLCC−32
N, G SUFFIX
CASE 776AK
Address Inputs
A0−A10
Data Inputs/Outputs
I/O0−I/O7
Chip Enable
CE
Output Enable
OE
Write Enable
WE
5 V Supply
VCC
Function
Pin Name
PIN FUNCTION
SOIC−24
J, K, W, X SUFFIX
CASE 751BK
Ground
VSS
No Connect
NC


Similar Part No. - CAT28C16AWA-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AWA-12T ONSEMI-CAT28C16AWA-12T Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16AWA-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com