Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA121ER3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HMA121ER3
Description  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA121ER3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HMA121ER3 Datasheet HTML 1Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 2Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 3Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 4Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 5Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 6Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 7Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 8Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 4 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
** All typicals at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C)
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
DC Current Transfer Ratio
(IF = ± 5 mA, VCE = 5 V)
CTR
HMAA2705
50
300
%
(IF = 5 mA, VCE = 5 V)
HMA2701
50
300
HMA2701A
150
300
HMA2701B
80
160
(IF = 5 mA, VCE = 5 V)
HMA121
50
600
HMA121A
100
300
HMA121B
50
150
HMA121C
100
200
HMA121D
50
100
HMA121E
150
300
HMA121F
100
600
(IF = 1 mA, VCE = 0.4 V)
HMA121F
30
(IF = 1 mA, VCE = 0.5 V)
HMA124
100
1200
(IF = 0.5 mA, VCE = 1.5 V)
HMA124
50
CTR Symmetry
(IF = ± 5 mA, VCE = 5 V)
HMAA2705
0.3
3.0
Saturation Voltage
(IF = ± 10 mA, IC = 2 mA)
VCE (SAT)
HMAA2705
0.3
V
(IF = 10 mA, IC = 2 mA)
HMA2701
0.3
HMA2701A
0.3
HMA2701B
0.3
(IF = 8 mA, IC = 2.4 mA)
HMA121
0.4
HMA121A
0.4
HMA121B
0.4
HMA121C
0.4
HMA121D
0.4
HMA121E
0.4
HMA121F
0.4
(IF = 1 mA, IC = 0.2 mA)
HMA121F
0.4
(IF = 1 mA, IC = 0.5 mA)
HMA124
0.4
Rise Time (Non-Saturated)
(IC = 2 mA, VCE = 5 V)
tr
3
µs
(RL = 100Ω)
Fall Time (Non-Saturated)
(IC = 2 mA, VCE = 5 V)
tf
3
(RL = 100Ω)
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Steady State Isolation Voltage
(1 Minute)
VISO
All
3750
VRMS


Similar Part No. - HMA121ER3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HMA121ER3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com