Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA121ER3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HMA121ER3
Description  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA121ER3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HMA121ER3 Datasheet HTML 2Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 3Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 4Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 5Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 6Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 7Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 8Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 9Page - Fairchild Semiconductor HMA121ER3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
Fig. 9 Collector-Emitter Saturation Voltage vs. Temperature
Fig. 8 Switching Time vs. Load Resistance
RL - RESISTANCE (kΩ)
TA - AMBIENT TEMPERATURE (˚C)
1
10
100
TA - AMBIENT TEMPERATURE (˚C)
Fig. 7 Collector Dark Current vs. Temperature
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
VCE = 5 V
VCE = 10 V
VCE = 24 V
VCE = 48 V
0.1
1
10
100
1000
TA = 25˚C
IF = 16 mA
VCC = 5 V
tOFF
ts
tON
-40
-20
0
20
40
60
80
100
0.08
0.12
0.16
0.20
0.24
IF = 5 mA
IC = 1mA
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
VCE - COLLECTOR-EMITTER VOLTAGE (V)
Fig. 6 Collector Current vs. Collector-Emitter Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
TA = 25˚C
IF = 50 mA
IF = 0.5 mA


Similar Part No. - HMA121ER3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HMA121ER3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com