Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3JM-DS70R4-US Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3JM-DS70R4-US
Description  Universal Voltage Terminal Photoelectric
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-DS70R4-US Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3JM-DS70R4-US Datasheet HTML 1Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 2Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 3Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 4Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 5Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 6Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 7Page - Omron Electronics LLC E3JM-DS70R4-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E3JM
E3JM
2
Universal Voltage Terminal Photoelectric
E3JM
Universal AC/DC Photoelectric Sensor
with Built-in Timer
s Easy-to-wire terminal block
s Built-in timer offers selectable ON-delay,
OFF-delay and one-shot
s Relay or transistor output models
s Polarized, through-beam and diffuse
models
s Light-ON/Dark-ON operation switch
selectable
Ordering Information
s ACCESSORIES
s REPLACEMENT PARTS
Description
Part number
Mounting bracket for E39-R1 reflector
E39-L7
Small reflector for retroreflective sensors
E39-R3
Glass-bead reflector with tape backing for retroreflective sensors
E39-RSB
Description
Part number
Mounting bracket (supplied with each sensor)
E39-L53
Reflector (supplied with retroreflective sensors)
E39-R1
s SENSORS WITHOUT TIMER
Method of detection
Through-beam
Polarized retroreflective
Diffuse reflective
Sensing distance
10 m (32.8 ft)
4 m (13.1 ft)
70 cm (2.3 ft)
Output
Relay
E3JM-10M4-US
E3JM-R4M4-US
E3JM-DS70M4-US
type
NPN transistor
E3JM-10S4-US
E3JM-R4S4-US
E3JM-DS70S4-US
PNP transistor
E3JM-10R4-US
E3JM-R4R4-US
E3JM-DS70R4-US
s SENSORS WITH BUILT-IN TIMER
Method of detection
Through-beam
Polarized retroreflective
Diffuse reflective
Sensing distance
10 m (32.8 ft)
4 m (13.1 ft)
70 cm (2.3 ft)
Output
Relay
E3JM-10M4T-US
E3JM-R4M4T-US
E3JM-DS70M4T-US
type
NPN transistor
E3JM-10S4T-US
E3JM-R4S4T-US
E3JM-DS70S4T-US
PNP transistor
E3JM-10R4T-US
E3JM-R4R4T-US
E3JM-DS70R4T-US


Similar Part No. - E3JM-DS70R4-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3JM-DS70R4-US OMRON-E3JM-DS70R4-US Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
More results

Similar Description - E3JM-DS70R4-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
FCI connector
KA40U2N FCI-CONNECTOR-KA40U2N Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
KA25U FCI-CONNECTOR-KA25U Datasheet
85Kb / 1P
   UNIVERSAL TERMINAL
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Omron Electronics LLC
E3JK-R2M1-US OMRON-E3JK-R2M1-US Datasheet
1Mb / 8P
   All voltage photoelectric sensors
logo
ON Semiconductor
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com