Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-S15-1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32-S15-1
Description  Optical Fiber Glossy Object Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-S15-1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-S15-1 Datasheet HTML 1Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 2Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 3Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 4Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 5Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 6Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 7Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 8Page - Omron Electronics LLC E32-S15-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A-200
Standard Photoelectric Sensors
Rating/Performance
Amplifier Units
* The OFF-delay timer can be reset by setting the switch.
Fiber Units
Item
Model
E3X-NL11
Light source (wave length)
Red LED (680 nm)
Power supply voltage
12 to 24 VDC ±10%, ripple (p-p) : 10% max.
Current consumption
100 mA max.
Control output
Load supply voltage 30 VDC max., load current 100 mA max. (residual voltage 1 V max.)
Open collector output type (NPN output) Light-ON/Dark-ON switch selectable
Answer-back output
Load power supply voltage 30 VDC max., load current 100 mA max. (residual voltage 1 V max.)
Open collector output type (NPN output)
Remote teaching input
Purple and blue (0 V) are connected when remote input turns ON: 0 V short-circuit current 1 mA max. Purple
and blue (0 V) are disconnected when remote input turns OFF: Open or 9 V min. (max. input voltage 24 V).
Note that the input is valid only when remote RUN/TEACH selection input (across pink-blue) is provided.
Protective circuits
Protection from load short-circuit and reversed power supply connection
Response time
Operation or reset: 1 ms max.
Sensitivity adjustment
Teaching system
Timer function *
OFF-delay fixed at 40 ms
Ambient illuminance
Incandescent lamp: 3,000 lux max. Sunlight 10,000 lux max.
Ambient temperature
Operating: -25°C to 55°C, Storage: -40°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% RH, Storage: 35% to 95% RH (with no icing or condensation)
Insulation resistance
20 M
min. at 500 VDC
Dielectric strength
1,000 VAC at 50/60 Hz for 1 minute
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude or 300 m/s2 (approx. 30G) for 2 hrs each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Protective structure
IEC 60529 IP50 (with Protective Cover attached)
Connection method
Pre-wired models (standard length: 2 m)
Weight (Packed state)
Approx. 200 g
Mate-
rial
Case
PBT (polybutylene terephthalate)
Cover
Polycarbonate
Mounting Brackets Stainless steel (SUS304)
Accessories
Mounting bracket, instruction manual
Sensing method
Reflective model
Features
Short-range small spot
Long-range
Item
Model
E32-S15-1
E32-S15-2
E32-S15L-1
E32-S15L-2
Sensing distance
10±3 mm (white paper, white glossy plastic
40x20 mm)
20±7 mm (white paper, white glossy plastic
40x20 mm)
Min. sensing object
0.5-mm
2-mm
Sensing object angle
Glossiness determination is possible at
inclination from the mounting hole (at sensing
distance of 10 mm)
Glossiness determination is possible at
inclination from the mounting hole (at sensing
distance of 20 mm)
Spot diameter
Approx. 2-mm dia./approx. 2-mm dia. (at sensing
distance of 10 mm)
Approx. 15-mm dia./approx. 4-mm dia. (at sens-
ing distance of 20 mm)
Ambient temperature
Operating: -25°C to 55°C, Storage: -40°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85%RH, Storage: 35% to 90% RH (with no condensation)
Permissible bending radius
4 mm min.
Protective structure
IEC 60529 IP50
Fiber length
500 mm
1 m
500 mm
1 m
Weight (Packed state)
Approx. 50 g
Approx. 60 g
Approx. 80 g
Approx. 90 g
Material
Sensor case
Heat-resistant ABS resin
Sensor window
transparent glass
Acrylics
Fiber cladding
urethane


Similar Part No. - E32-S15-1

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-S15-1

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
Festo Corporation.
2942261 FESTO-2942261 Datasheet
85Kb / 2P
   Object sensor
2942262 FESTO-2942262 Datasheet
84Kb / 2P
   Object sensor
8058724 FESTO-8058724 Datasheet
85Kb / 2P
   Object sensor
8058726 FESTO-8058726 Datasheet
84Kb / 2P
   Object sensor
2942266 FESTO-2942266 Datasheet
84Kb / 2P
   Object sensor
8058725 FESTO-8058725 Datasheet
85Kb / 2P
   Object sensor
8058727 FESTO-8058727 Datasheet
84Kb / 2P
   Object sensor
8058728 FESTO-8058728 Datasheet
93Kb / 2P
   Object sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com