Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-VG21 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3X-VG21
Description  Fiber-Optic Photoelectric Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-VG21 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3X-VG21 Datasheet HTML 5Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 6Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 7Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 8Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 9Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 10Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 11Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 12Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
10
E3X
E3X
10
s LIGHT AXIS ADJUSTMENT WITH FLASHING FUNCTION
E3X-A❏❏/-F❏❏/-VG❏❏
Stable Operation Indicator
(Green Indicator)
With this function, the E3X checks changes in environment
conditions (especially a change in the ambient temperature) and
self-diagnoses the resistance against the changes. The result is
shown by the indicators or an output signal.
Improper Light Axis
2. Adjust the light axis by moving the fiber with
the light flashing.
Proper Light Axis
3. Set the mode selector to L-ON or D-ON after the
light axis is adjusted.
Mode Selector
Flashing
Light axis
adjusted
Light ON with
no flashing
s SELF-DIAGNOSTIC FUNCTION
Light Reception Indicator
(Red Indicator)
Displays
q
Stable Operation Indicator: Changes in environmental
conditions (changes in the ambient temperature, the
operating voltage, or the volume of dust) are checked and
the resistance against them are self-diagnosed. The result
is shown via the indicator.
q
Light Reception Indicator: The amount of light received is
shown by this indicator.
Output:
q
The resistance against changes in environmental
conditions is shown by the indicator and the result is
output.
1. Set the mode selector to SET.
*If the self-diagnostic output is ON when the sensing object is
moving at low speed, use the E3X with an ON-delay timer circuit.
Tip of the fiber connected
to the light source side in
the SET mode
Flashing
Flashing
0.3 s min.
0.3 s min.
ON
OFF
ON
OFF
Control output
(L, ON)
Self-diagnostic
output*
Indicator
Operating level x 1.2
Operating level
Operating level x 0.8
Amount of
light
1.2
1
0.8
Red
Green
Green
light ON
Green


Similar Part No. - E3X-VG21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-VG21 OMRON-E3X-VG21 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E3X-VG21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com