Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L109 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E39-L109
Description  Optical Fiber Glossy Object Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L109 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E39-L109 Datasheet HTML 2Page - Omron Electronics LLC E39-L109 Datasheet HTML 3Page - Omron Electronics LLC E39-L109 Datasheet HTML 4Page - Omron Electronics LLC E39-L109 Datasheet HTML 5Page - Omron Electronics LLC E39-L109 Datasheet HTML 6Page - Omron Electronics LLC E39-L109 Datasheet HTML 7Page - Omron Electronics LLC E39-L109 Datasheet HTML 8Page - Omron Electronics LLC E39-L109 Datasheet HTML 9Page - Omron Electronics LLC E39-L109 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A-202
Standard Photoelectric Sensors
Technical Guide
Glossiness
When light is applied to the sensing object, the reflected light
is generally a mixture of regular reflection components and
diffuse reflection components. Glossiness is directly propor-
tional to the light intensity of the regular reflection compo-
nents. In JIS, the glossiness of a glass plate surface having
1.567 reflectivity is defined 100 as the basis of glossiness.
Glossiness of Typical Object Sensed by E3X-NL11 + E32-
S15
Sensing of Transparent Objects with Rotating Fiber Unit
Mounting Bracket
There are transparent films and transparent plastic objects
that change the direction of polarized light when it passes
through the transparent films and transparent plastic objects.
When E3X-NL senses these transparent films and transpar-
ent plastic objects on glossy background objects, such as
glossy paper or metals, E3X-NL will not sense these objects
smoothly in case of an incorrect angle of the sensor head. The
most suitable angle of the sensor head varies with the trans-
parent object. The angle of the sensor head can be, however,
0° or 45° for the smooth sensing of such transparent objects
due to the characteristic of polarized light. There is no need
for the angle to be midway between 0° and 45°. E39-L109,
which is sold separately, is a mounting bracket that rotates to
angles of 0° or 45° and enables E3X-NL to sense such trans-
parent objects smoothly with its sensing head set at 0° or 45°
without changing the sensing positive.
Fuzzy Teaching Function
E3X-NL in two-point teaching operation will perform fuzzy
computation using the difference in glossiness and the differ-
ence in light energy between the two teaching points to deter-
mine the thresholds setting with E3X-NL. As shown in the
following table, if there is only a small difference in glossiness
but there is a large difference in light energy between the two
teaching points, the thresholds set with E3X-NL will be deter-
mined by the light energy values.
Countermeasures against Teaching Errors Resulted with
Transparent Labels on Sheets
The material of the sheets must not be too glossy.
Nomenclature:
1,000
100
10
Object no.
1
23456789
10
1. White paper
2. Brown corrugated cardboard
3. Paper gummed tape
4. White glossy paper (individu-
al packages for OMRON
sensors)
5. Blue mount paper for label
6. Transparent label on blue
mount paper
7. Glossy plastic
8. Transparent glass (t=1 mm)
9. Gold printing ink (Gold part
of Cabin Mild Box)
10. Metal mirror surface (SUS
mirror surface)
Taught
Difference
in glossiness
between two
teaching points
Taught
Difference
in light energy
between two
teaching points
Discriminating method
Large
Large
Discriminated by glossiness.
Large
Small
Discriminated by glossiness.
Small
Large
Discriminated by light energy.
Small
Small
Discriminated by glossiness. A
teaching error will result if the dif-
ference in glossiness and that in
light energy are both less than the
sensing levels of E3X-NL.
(Example) Metal cylindrical object coated with transparent film
Metal cylindrical object
coated with
transparent film
Sensing head
The object can be sensed smoothly when the
angle of the sensing head is either 0˚ or 45˚.
45˚
Operation indicator
(orange)
Teaching button
Mode selector
Stability indicator
(green)
Teaching indicator
(red/green)
Operation mode
selector
Discriminated by glossiness
Fuzzy discrimination of glossiness and light energy
Discriminated by light energy
Difference in light energy
Large
Small
Teaching error


Similar Part No. - E39-L109

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L109 OMRON-E39-L109 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L109 OMRON-E39-L109 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L109

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
Festo Corporation.
2942261 FESTO-2942261 Datasheet
85Kb / 2P
   Object sensor
2942262 FESTO-2942262 Datasheet
84Kb / 2P
   Object sensor
8058724 FESTO-8058724 Datasheet
85Kb / 2P
   Object sensor
8058726 FESTO-8058726 Datasheet
84Kb / 2P
   Object sensor
2942266 FESTO-2942266 Datasheet
84Kb / 2P
   Object sensor
8058725 FESTO-8058725 Datasheet
85Kb / 2P
   Object sensor
8058727 FESTO-8058727 Datasheet
84Kb / 2P
   Object sensor
8058728 FESTO-8058728 Datasheet
93Kb / 2P
   Object sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com