Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616AL-10TI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616AL-10TI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616AL-10TI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61LV25616AL-10TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616AL-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. F
12/15/2011
IS61LV25616AL
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
cIn
InputCapacitance
VIn = 0V
6
pF
cout
Input/OutputCapacitance
Vout = 0V
8
pF
Note:
1. Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
-10
-12
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Unit
Icc
VDDDynamicOperating
VDD = Max.,
Com.
— 100
90
mA
SupplyCurrent
Iout = 0 mA,f=fmaX
Ind.
— 110
— 100
Isb
TTLStandbyCurrent
VDD = Max.,
Com.
50
45
mA
(TTLInputs)
VIn = VIH orVIL
Ind.
55
50
CE
≥VIH,f=fmaX.
Isb1
TTLStandbyCurrent
VDD = Max.,
Com.
20
20
mA
(TTLInputs)
VIn = VIH orVIL
Ind.
25
25
CE
≥VIH,f=0
Isb2
CMOSStandby
VDD = Max.,
Com.
15
15
mA
Current(CMOSInputs)
CE
≥VDD – 0.2V,
Ind.
20
20
VIn
≥ VDD – 0.2V, or
VIn
≤ 0.2V, f=0
Note:
1.Atf=fmaX,addressanddatainputsarecyclingatthemaximumfrequency,f=0meansnoinputlineschange.
Shadedareaproductindevelopment


Similar Part No. - IS61LV25616AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616AL-10TI ISSI-IS61LV25616AL-10TI Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com