Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV5128EDBLL-10BI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128EDBLL-10BI
Description  512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128EDBLL-10BI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61WV5128EDBLL-10BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV5128EDBLL-10BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. B
11/08/2011
Copyright©2011IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithout
notice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelat-
estversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreason-
ablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedforuseinsuchapplications
unlessIntegratedSiliconSolution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS61WV5128EDBLL
IS64WV5128EDBLL
FEATURES
• High-speedaccesstime:8,10ns
• LowActivePower:85mW(typical)
• LowStandbyPower:7mW(typical)
CMOSstandby
• Singlepowersupply
—Vdd2.4Vto3.6V(10ns)
—Vdd3.3V±10%(8ns)
• Fullystaticoperation:noclockorrefresh
required
• Threestateoutputs
• IndustrialandAutomotivetemperaturesupport
• Lead-freeavailable
• ErrorDetectionandErrorCorrection
512K x 8 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH ECC
DESCRIPTION
The
ISSI IS61/64WV5128EDBLL is ahigh-speed,
4,194,304-bitstaticRAMsorganizedas524,288wordsby
8bits.Itisfabricatedusing
ISSI'shigh-performanceCMOS
technology.Thishighlyreliableprocesscoupledwithinno-
vativecircuitdesigntechniques,yieldshigh-performance
andlowpowerconsumptiondevices.
When CE is HIGH (deselected), the device assumes a
standbymodeatwhichthepowerdissipationcanbere-
duceddownwithCMOSinputlevels.
EasymemoryexpansionisprovidedbyusingChipEnable
andOutputEnableinputs,CEandOE.TheactiveLOW
WriteEnable(WE)controlsbothwritingandreadingof
thememory.
TheIS61/64WV5128EDBLLispackagedintheJEDEC
standard44-pinTSOP-II,36-pinSOJand36-pinMiniBGA
(6mmx8mm).
FUNCTIONAL BLOCK DIAGRAM
NOVEMBER 2011
Memory Array
(512Kx8)
ECC Array
(512Kx4)
Decoder
I/O Data
Circuit
ECC
Column I/O
8
8
12
8
4
Control
Circuit
/CE
/OE
/WE
IO0-7
A0-A18


Similar Part No. - IS61WV5128EDBLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
More results

Similar Description - IS61WV5128EDBLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com