Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR86400B-3DBLI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43DR86400B-3DBLI
Description  512Mb (x8, x16) DDR2 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR86400B-3DBLI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43DR86400B-3DBLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR86400B-3DBLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IS43/46DR86400B, IS43/46DR16320B
Integrated Silicon Solution, Inc. – www.issi.com –
1
Rev. I, 8/01/2012
512Mb (x8, x16) DDR2 SDRAM
AUGUST 2012
FEATURES
• Clock frequency up to 400MHz
• Posted CAS
• Programmable CAS Latency: 3, 4, 5 and 6
• Programmable Additive Latency: 0, 1, 2, 3, 4 and 5
• Write Latency = Read Latency-1
• Programmable Burst Sequence: Sequential or
Interleave
• Programmable Burst Length: 4 and 8
• Automatic and Controlled Precharge Command
• Power Down Mode
• Auto Refresh and Self Refresh
• Refresh Interval: 7.8 µs (8192 cycles/64 ms)
• OCD (Off-Chip Driver Impedance Adjustment)
• ODT (On-Die Termination)
• Weak Strength Data-Output Driver Option
• Bidirectional differential Data Strobe (Single-
ended data-strobe is an optional feature)
• On-Chip DLL aligns DQ and DQs transitions with
CK transitions
• Differential clock inputs CK and CK#
• VDD and VDDQ = 1.8V ± 0.1V
• PASR (Partial Array Self Refresh)
• SSTL_18 interface
• tRAS lockout supported
• Read Data Strobe supported (x8 only)
• Internal four bank operations with single pulsed
RAS
• Operating temperature:
Commercial (TA = 0°C to +70°C ; TC = 0°C to +85°C)
Industrial (TA = -40°C to +85°C; TC = -40°C to +95°C)
Automotive, A1 (TA = -40°C to +85°C; TC = -40°C to
+95°C)
Automotive, A2 (TA = -40°C to +105°C; TC = -40°C
to +105°C)
OPTIONS
• Configuration:
− 64Mx8 (16M x 8 x 4 banks)
− 32Mx16 (8M x 16 x 4 banks)
• Package:
− 60-ball TW-BGA for x8
− 84-ball TW-BGA for x16
ADDRESS TABLE
Parameter
64Mx8
32Mx16
Row Addressing
A0-A13
A0-A12
Column Addressing
A0-A9
A0-A9
Bank Addressing
BA0-BA1
BA0-BA1
Precharge Addressing
A10
A10
Clock Cycle Timing
-5B
-37C
-3D
-25E
-25D
Units
Speed Grade
DDR2-400B
DDR2-533C
DDR2-667D
DDR2-800E
DDR2-800D
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
5-5-5
tCK
tCK (CL=3)
5
5
5
5
5
ns
tCK (CL=4)
5
3.75
3.75
3.75
3.75
ns
tCK (CL=5)
5
3.75
3
3
2.5
ns
tCK (CL=6)
5
3.75
3
2.5
2.5
ns
Frequency (max)
200
266
333
400
400
MHz
Note: The -5B device specification is shown for reference only.
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS43DR86400B-3DBLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS43DR86400B-3DBLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com