Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L87 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E39-L87
Description  Mounting Brackets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L87 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E39-L87 Datasheet HTML 7Page - Omron Electronics LLC E39-L87 Datasheet HTML 8Page - Omron Electronics LLC E39-L87 Datasheet HTML 9Page - Omron Electronics LLC E39-L87 Datasheet HTML 10Page - Omron Electronics LLC E39-L87 Datasheet HTML 11Page - Omron Electronics LLC E39-L87 Datasheet HTML 12Page - Omron Electronics LLC E39-L87 Datasheet HTML 13Page - Omron Electronics LLC E39-L87 Datasheet HTML 14Page - Omron Electronics LLC E39-L87 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
E39-L/F39-L/E39-S/E39-R
11
E39-L116
7.5
(17.8)
4.1
Two, 3.4
(Two, R2)
(Two, R2)
(Two, R1.1)
(Two, R1.2)
(Two, R1.7)
5
1.6
4
11
9.5
2.2
31.2
2.4
10
90
°
1.2
R1.5 max.
7
15 20.5
9
Three,
M2
(Four, R2)
3
Nut Plate
Material:
Stainless steel (SUS304)
1.2-mm-thick
3.1
3.1
18
11.5
11.2
3.4
4.5
Two, R2
(Two, R1.7)
(Two, R1.7)
90
°
R1
max.
2.4
(23) 15
9
4
9
Two, 2.2
5
5
10
(11.2)
(Two, R1.1)
(Two, R2)
1.2
7
15 20.5
9
Three,
M2
(Four, R2)
3
Nut Plate
E39-L117
Material:
Stainless steel (SUS304)
1.2-mm-thick
E39-L118
90
°
90
°
11.5
11.5
22.7
5
2.4
Two, 2.2
4
9
9
15
4.5
(Two, R1.7)
5
3.4 (Four, R2)
(Two, R1.1)
(23)
18
11.5
3.1
3.1
1.2
7
15 20.5
9
Three,
M2
(Four, R2)
3
Nut Plate
Material:
Stainless steel (SUS304)
1.2-mm-thick
E39-L119
12
16
90
°
8
Four, M2 Tap processing
9
7
3.2
2.4
8
2.4
15
10.5
1.2
Material:
Stainless steel (SUS304)
1.2-mm-thick
12
16
8
Four, M2 Tap processing
13.5
6
3.2
2.4
2.4
8
14
22.5
4.2
(5.4)
1.2
E39-L120
Material: Stainless steel (SUS304)
1.2-mm-thick
E39-L127-T1
E39-L127-T2
E39-L127-T3
4
A
20
Two, 5 dia.
A+24
5.6
Four, M2.3
(Mounting sensor
screws)
2.3
7.5
12
5.6
1.6
20
Four, 3.2 dia.
(Mounting
bracket holes)
10
30
15
9
Material: Iron
Model
Dimension A (mm)
E39-L127-T1
10
E39-L127-T2
20
E39-L127-T3
30


Similar Part No. - E39-L87

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L87 OMRON-E39-L87 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E39-L87 OMRON-E39-L87 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L87

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com