Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25616BLL-10BI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616BLL-10BI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616BLL-10BI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61WV25616BLL-10BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV25616BLL-10BI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. G
07/15/2010
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV25616ALL/ALS, IS61WV25616BLL/BLS,
IS64WV25616BLL/BLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tRC
ReadCycleTime
8
10
ns
tAA
AddressAccessTime
8
10
ns
tOHA
OutputHoldTime
2.0
2.0
ns
tACE
CEAccessTime
8
10
ns
tDOE
OEAccessTime
4.5
4.5
ns
tHZOE(2)
OEtoHigh-ZOutput
3
4
ns
tLZOE(2)
OEtoLow-ZOutput
0
0
ns
tHZCE(2
CEtoHigh-ZOutput
0
3
0
4
ns
tLZCE(2)
CEtoLow-ZOutput
3
3
ns
tBA
LB,UBAccessTime
5.5
6.5
ns
tHZB(2)
LB,UBtoHigh-ZOutput
0
3
0
3
ns
tLZB(2)
LB,UBtoLow-ZOutput
0
0
ns
tPU
PowerUpTime
0
0
ns
tPD
PowerDownTime
8
10
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to
3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage.


Similar Part No. - IS61WV25616BLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616BLL/BLS ISSI-IS61WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25616BLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com