Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616AL-10KLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616AL-10KLI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616AL-10KLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616AL-10KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61LV25616AL-10KLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. F
12/15/2011
IS61LV25616AL
DATA RETENTION WAVEFORM (CEControlled)
DATA RETENTION SWITCHING CHARACTERISTICS (LL)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
VDr
VDDforDataRetention
SeeDataRetentionWaveform
2.0
3.6
V
IDr
DataRetentionCurrent
VDD=2.0V,CE
≥VDD–0.2V
Com.
5
10
mA
Ind.
15
tsDr
DataRetentionSetupTime SeeDataRetentionWaveform
0
ns
trDr
RecoveryTime
SeeDataRetentionWaveform
trc
ns
Note 1:TypicalvaluesaremeasuredatVDD=3.0V,Ta = 25oc andnot100%tested.
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
1.65V
1.4V
Data Retention Mode


Similar Part No. - IS61LV25616AL-10KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616AL-10K ISSI-IS61LV25616AL-10K Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10KI ISSI-IS61LV25616AL-10KI Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616AL-10KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com