Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV102416ALL-20TLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61WV102416ALL-20TLI
Description  1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV102416ALL-20TLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61WV102416ALL-20TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV102416ALL-20TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev.  F
05/09/12
IS61WV102416ALL
IS61WV102416BLL
IS64WV102416BLL
PIN DESCRIPTIONS
A0-A19
AddressInputs
I/O0-I/O15
DataInputs/Outputs
CE
ChipEnableInput
OE
OutputEnableInput
WE
WriteEnableInput
LB
Lower-byteControl(I/O0-I/O7)
UB
Upper-byteControl(I/O8-I/O15)
NC
NoConnection
Vdd
Power
GND
Ground
48-pin TSOP-I (12mm x 20mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A4
A3
A2
A1
A0
NC
CE
I/O0
I/O1
I/O2
I/O3
VDD
GND
I/O4
I/O5
I/O6
I/O7
WE
NC
A19
A18
A17
A16
A15
A5
A6
A7
A8
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
VDD
I/O11
I/O10
I/O9
I/O8
NC
A9
A10
A11
A12
A13
A14


Similar Part No. - IS61WV102416ALL-20TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TI ISSI-IS61WV102416ALL-20TI Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61WV102416ALL-20TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com