Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25616ALL-20TLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616ALL-20TLI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616ALL-20TLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61WV25616ALL-20TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616ALL-20TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. G
07/15/2010
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV25616ALL/ALS, IS61WV25616BLL/BLS,
IS64WV25616BLL/BLS
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
CE
I/O0
I/O1
I/O2
I/O3
VDD
GND
I/O4
I/O5
I/O6
I/O7
I/O15
I/O14
I/O13
I/O12
GND
VDD
I/O11
I/O10
I/O9
I/O8
NC
TOP VIEW
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
N/C
I/O8
UB
A3
A4
CE
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
A17
A7
I/O3
VDD
VDD
I/O12
NC
A16
I/O4
GND
I/O14
I/O13
A14
A15
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
NC
A8
A9
A10
A11
NC
48-Pin mini BGA (6mm x 8mm)
PIN CONFIGURATIONS
44-Pin LQFP
PIN DESCRIPTIONS
A0-A17
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
VDD
Power
GND
Ground
*LQFP package under evaluation.


Similar Part No. - IS61WV25616ALL-20TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL/ALS ISSI-IS61WV25616ALL/ALS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25616ALL-20TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com