Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25616EDBLL-8TLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616EDBLL-8TLI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616EDBLL-8TLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61WV25616EDBLL-8TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-8TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
09/29/2011
IS61/64WV25616EDBLL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5toVdd+0.5
V
Vdd
VddRelatestoGND
–0.3to4.0
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamageto
thedevice.Thisisastressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposuretoabsolute
maximumratingconditionsforextendedperiodsmayaffectreliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
cIn
InputCapacitance
VIn = 0V
6
pF
c
I/o
Input/OutputCapacitance
Vout = 0V
8
pF
Notes:
1.Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
2. Testconditions:Ta = 25°c, f=1MHz,Vdd=3.3V.
ERROR DETECTION AND ERROR CORRECTION
• IndependentECCforeachbyte
• Detectandcorrectonebiterrorperbyte
• Betterreliabilitythanparitycodeschemeswhichcanonlydetectanerrorbutnotcorrectanerror
• BackwardCompatible:Dropinreplacementtocurrentinindustrystandarddevices(withoutECC)
OPERATING RANGE (VDD)1
Range
Ambient Temperature
IS61WV25616EDBLL
IS64WV25616EDBLL
VDD (8, 10nS)
VDD (10nS)
Industrial
–40°Cto+85°C
2.4V-3.6V(10ns)
3.3V±10%(8ns)
Automotive(A1)
–40°Cto+85°C
2.4V-3.6V
Automotive(A3)
–40°Cto+125°C
2.4V-3.6V
Note:
1.ContactSRAM@issi.comfor1.8Voption


Similar Part No. - IS61WV25616EDBLL-8TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616EDBLL ISSI-IS61WV25616EDBLL Datasheet
751Kb / 14P
   Data control for upper and lower bytes
More results

Similar Description - IS61WV25616EDBLL-8TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com