Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR86400B-37CBLA1 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS46DR86400B-37CBLA1
Description  512Mb (x8, x16) DDR2 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR86400B-37CBLA1 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS46DR86400B-37CBLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
IS43/46DR86400B, IS43/46DR16320B
Integrated Silicon Solution, Inc. – www.issi.com –
7
Rev. I, 8/01/2012
DLL Enable/Disable
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and upon returning to normal
operation after having the DLL disabled. The DLL is automatically disabled when entering self refresh operation and is automatically
re-enabled upon exit of self refresh operation. Any time the DLL is enabled (and subsequently reset), 200 clock cycles must occur
before a Read command can be issued to allow time for the internal clock to be synchronized with the external clock. Failing to wait
for synchronization to occur may result in a violation of the tAC or tDQSCK parameters.
Extended Mode Register 1(EMR[1]) Diagram
A12
0
1
BA1
0
BA0
1
A11(2)
A13(1)
0
0
RDQS/DM RDQS#
DQS
DQS#
1
0
0
DM
Hi-Z
DQS
DQS#
A10
0
1
DM
Hi-Z
DQS
Hi-Z
0
1
0
RDQS
RDQS#
DQS
DQS#
1
1
1
RDQS
Hi-Z
DQS
Hi-Z
A9
A8
A7
0
0
0
0
0
1
0
1
0
1
0
0
1
1
1
A5
A4
A3
0
0
0
A6
A2
0
0
1
0
0
0
1
0
0
1
0
1
1
1
0
1
0
0
1
1
1
0
1
1
1
0
1
1
1
A1
A0
0
0
1
1
Qoff
Output buffer enabled
Ouput buffer disabled
RDQS Enable
A11
(RDQS)
A10
(DQS#)
Strobe Function Matrix
Disable
A12
Qoff
Enable
DQS#
A11
RDQS
Enable
Disable
A10
DQS#
OCD Calibration Program
A9
OCD
Program
OCD Calibration mode exit; maintain setting
Drive(1)
A8
Drive(0)
Adjust mode(3)
A7
OCD Calibration default(4)
A6
Rtt
Additive Latency
0
Rtt(NOMINAL)
A5
Additive
Latency
1
ODT Disabled
2
75 ohms
A4
3
150 ohms
4
50 ohms
A3
5
Reserved
Rtt
Reserved
A1
D.I.C
Output Drive Impedance Control
Address
Field
Mode
Register
DLL enable
A0
DLL
Normal Strength (100%)
Enable
Reduced strength (60%)
Disable
A2
Notes:
1.
A13 is reserved for future use and must be set to 0 when programming the EMR[1].
2.
If RDQS is enabled, the DM function is disabled. RDQS is active for reads and don’t care for writes. The x16 option does not support RDQS. This must be set to 0
when programming the EMR[1] for the x16 option.
3.
When Adjust mode is issued, AL from previously set value must be applied.
4.
After setting to default, OCD calibration mode needs to be exited by setting A9-A7 to 000.


Similar Part No. - IS46DR86400B-37CBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR86400D ISSI-IS46DR86400D Datasheet
1Mb / 48P
   Differential data strobe
More results

Similar Description - IS46DR86400B-37CBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com