Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFM-104-02-DH-P-TR Datasheet(PDF) 2 Page - Samtec, Inc

Part # TFM-104-02-DH-P-TR
Description  SMT & THROUGH-HOLE HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TFM-104-02-DH-P-TR Datasheet(HTML) 2 Page - Samtec, Inc

  TFM-104-02-DH-P-TR Datasheet HTML 1Page - Samtec, Inc TFM-104-02-DH-P-TR Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(1,27 mm)
.050" pitch
Shrouded body for
blind mating
Surface mount or
Through-hole tails
TFML–150–01–L–D–LC
TFM–125–01–L–D–WT
TFM–110–02–L–D–DS
Screw down
option
Weld tab
option
TFM–105–01–L–D–RA
TFM–110–02–L–DH–WT
Mates with SFM
for coplanar and
perpendicular mating
• Passes 10 Year MFG
• Locking option
• Locking clip option
• Weld tab option
• Screw Down option
WWW.SAMTEC.COM
APPLICATION
SPECIFIC OPTION
Solder nail option available.
Call Samtec.
OPTION
ROW
OPTION
–S
= Single Row
(TFM only)
–D
= Double Row
–DH
= Double Horizontal
(TFM lead style –02 only)
(05 thru 50
positions only)
(–WT standard; –TR
option only available)
(1,91)
.075
(0,51)
.020
(1,27)
.050
(6,48)
.255
(1,99)
.079
(3,81)
.150
(0,76)
.030
(2,26)
.089
–RE1 & –RE2
–RA
Specify only –RA, –RE1 or –RE2
–RA
= Right Angle
(Lead style –01 only)
–RE1
= Right Angle Elevated for (1,58 mm) .062" PCB
(Requires TFM lead style –01, –D row and –WT)
–RE2
= Right Angle Elevated for (2,36 mm) .093" PCB
(Requires TFM lead style –01, –D row and –WT)
SMT lead styles only
Specify only –K or –P
–K
= Polyimide Film Pick & Place Pad
–P
= Plastic Pick & Place Pad
(5 positions minimum)
Specify –TR last
–TR
= Tape & Reel
(Not available with –DS)
–DH
–DS
(–D, –01 & –02 ONLY)
Specify only –A, –LC, –DS or –WT
Not available with –RA, –RE1 and –RE2
unless otherwise noted.
–A
= Alignment Pin
–LC
= Locking Clip
(Manual Placement required)
–DS
= Dual Screw Down for
(1,60 mm) .062" PCB
(05, 07, 10, 15, 20, 25, 30,
35, 40 positions only)
(TFM lead styles –01 and –02 only)
(Requires –D row option)
(Mates with SFM–DS option and
SFSD/SFSDT –SS and –DS option only)
–WT
= Weld Tab
(TFM lead styles –01 and –02 only)
(Standard with –DH)
(Mates to SFSS/SFSD –SR and
–DR option only)
(05, 07, 10, 15, 20, 25, 30, 35,
40, 45, 50 positions only)


Similar Part No. - TFM-104-02-DH-P-TR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
More results

Similar Description - TFM-104-02-DH-P-TR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-110-02-S-D-WT SAMTEC-TFM-110-02-S-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
logo
Dubilier
DBCB28D10BGABB1 DUBILIER-DBCB28D10BGABB1 Datasheet
105Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT/THROUGH HOLE 1.27 PITCH
logo
Samtec, Inc
FTSH-120-01-F-D-EJ SAMTEC-FTSH-120-01-F-D-EJ Datasheet
990Kb / 1P
   THROUGH-HOLE MICRO HEADER
HTMS-105-01-G-S SAMTEC-HTMS-105-01-G-S Datasheet
454Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS SAMTEC-TMS Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-G-S SAMTEC-TMS-150-01-G-S Datasheet
780Kb / 1P
   THROUGH-HOLE MICRO HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com