Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-AC240V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # HP2-AC240V
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP2-AC240V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  HP2-AC240V Datasheet HTML 1Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 2Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 3Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 4Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 5Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 6Page - Panasonic Semiconductor HP2-AC240V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HP
0.5
.020
44
1.732
3
.118
7
.276
.197
5
38
1.496
36
1.417
36
1.417
38
1.496
11
11
.433 .433
8.5
.335
.217
5.5
.226
5.75
.187 .187
.098
.098
2.5
2.5
7.65
.301
4.1
.161
0.5 .020
0.5
.020
.020
0.5
0.5 .020
2 .079
2 .079
.187
4.75 4.75
4.75
.197 .315 .197
58
5
Compatible with tab terminal
#187 series receptacle.
Plug-in type (3 Form C)
External dimensions
Schematic (Bottom view)
10
11
9
8
3
6
7
1
2
4
5
CAD Data
Dimension:
Less than 2mm .079inch:
Min. 2mm .079inch less than 9mm .354inch:
Min. 9mm .354inch less than 20mm .787inch:
Min. 20mm .787inch:
Tolerance
±0.2 ±.008
±0.5 ±.020
±1 ±.039
±1.5 ±.059
0.5
.020
44
7
.276
51
1.732
2.008
36
1.417
10
10
.394
.394
25
.984
5.26
7
9
5
4
3
12
14
8
5.26
5.26 5.26
.207
.207
.207 .207
50
1.969
40
1.575
10
.394
.031 .031
.031
.031
0.8
0.8
0.8
0.8
9
15
11
2
5.26
9.5
.374
7.5
.295
5.8
.228
5.3
.209
5.26
.207
.207
0.8
0.8
.031
.031
1
10
Compatible with tab terminal
#205 series receptacle.
Plug-in type (4 Form C)
External dimensions
Schematic (Bottom view)
9
15
10
8
7
12
5
11
2
1
14
6
3
4
CAD Data
Dimension:
Less than 2mm .079inch:
Min. 2mm .079inch less than 9mm .354inch:
Min. 9mm .354inch less than 20mm .787inch:
Min. 20mm .787inch:
Tolerance
±0.2 ±.008
±0.5 ±.020
±1 ±.039
±1.5 ±.059
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP2-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP2-AC240V PANASONIC-HP2-AC240V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP2-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com