Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21248SDFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F21248SDFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21248SDFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F21248SDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 9Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 10Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 11Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 12Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 13Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 14Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
R8C/24 Group, R8C/25 Group
1. Overview
Rev.3.00
Feb 29, 2008
Page 9 of 51
REJ03B0117-0300
1.5
Pin Assignments
Figure 1.4 shows PLQP0052JA-A Package Pin Assignments (Top View). Figure 1.5 shows PTLG0064JA-A
Package Pin Assignments.
Figure 1.4
PLQP0052JA-A Package Pin Assignments (Top View)
52
P3_7/SSO
Pin assignments (top view)
R8C/24 Group
R8C/25 Group
51
P0_0/AN7
50
P0_1/AN6
49
P0_2/AN5
48
P0_3/AN4
47
P6_1
46
P6_2
45
P6_0/TREO
44
P4_2/VREF
43
P0_4/AN3
42
P0_5/AN2
41
P0_6/AN1
14
15
16
17
18
19
20
21
22
23
24
25
P2_6/TRDIOC1
P1_7/TRAIO/INT1
P1_6/CLK0
P1_5/RXD0/(TRAIO)/(INT1)(2)
P1_4/TXD0
P1_3/KI3/AN11
P2_5/TRDIOB1
P2_4/TRDIOA1
P2_3/TRDIOD0
P2_2/TRDIOC0
P2_1/TRDIOB0
P2_0/TRDIOA0/TRDCLK
26
40
NC
NC
NOTES:
1. P4_7 is an input-only port.
2. Can be assigned to the pin in parentheses by a program.
NC: Non-Connection
Package: PLQP0052JA-A(52P6A-A)
0.65 mm pin pitch, 10 mm square body


Similar Part No. - R5F21248SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F21248SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com