Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF523BBCZ-5A Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF523BBCZ-5A
Description  Blackfin Embedded Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF523BBCZ-5A Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF523BBCZ-5A Datasheet HTML 1Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 2Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 3Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 4Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 5Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 6Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 7Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 8Page - Analog Devices ADSP-BF523BBCZ-5A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Up to 600 MHz high performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Accepts a wide range of supply voltages for internal and I/O
operations. See Specifications on Page 28
Programmable on-chip voltage regulator (ADSP-BF523/
ADSP-BF525/ADSP-BF527 processors only)
Qualified for Automotive Applications. See Automotive
Products on Page 87
289-ball and 208-ball CSP_BGA packages
MEMORY
132K bytes of on-chip memory (See Table 1 on Page 3 for L1
and L3 memory size details)
External memory controller with glueless support for SDRAM
and asynchronous 8-bit and 16-bit memories
Flexible booting options from external flash, SPI, and TWI
memory or from host devices including SPI, TWI, and UART
Code security with Lockbox Secure Technology
one-time-programmable (OTP) memory
Memory management unit providing memory protection
PERIPHERALS
USB 2.0 high speed on-the-go (OTG) with integrated PHY
IEEE 802.3-compliant 10/100 Ethernet MAC
Parallel peripheral interface (PPI), supporting ITU-R 656
video data formats
Host DMA port (HOSTDP)
2 dual-channel, full-duplex synchronous serial ports
(SPORTs), supporting eight stereo I2S channels
12 peripheral DMAs, 2 mastered by the Ethernet MAC
2 memory-to-memory DMAs with external request lines
Event handler with 54 interrupt inputs
Serial peripheral interface (SPI) compatible port
2 UARTs with IrDA support
2-wire interface (TWI) controller
Eight 32-bit timers/counters with PWM support
32-bit up/down counter with rotary support
Real-time clock (RTC) and watchdog timer
32-bit core timer
48 general-purpose I/Os (GPIOs), with programmable
hysteresis
NAND flash controller (NFC)
Debug/JTAG interface
On-chip PLL capable of frequency multiplication
Figure 1. Processor Block Diagram
SPORT0
TIMER0
VOLTAGE REGULATOR*
*REGULATOR ONLY AVAILABLE ON ADSP-BF523/ADSP-BF525/ADSP-BF527 PROCESSORS
PORT J
GPIO
PORT H
GPIO
PORT G
GPIO
PORT F
JTAG TEST AND EMULATION
PERIPHERAL
ACCESS BUS
OTP MEMORY
COUNTER
WATCHDOG TIMER
RTC
TWI
SPORT1
NFC
PPI
UART0
SPI
TIMER7-1
EMAC
HOST DMA
BOOT
ROM
DMA
ACCESS
BUS
INTERRUPT
CONTROLLER
DMA
CONTROLLER
L1 DATA
MEMORY
L1 INSTRUCTION
MEMORY
USB
16
DCB
EAB
EXTERNAL PORT
FLASH, SDRAM CONTROL
B
UART1
DEB


Similar Part No. - ADSP-BF523BBCZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF523BBCZ-5A AD-ADSP-BF523BBCZ-5A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results

Similar Description - ADSP-BF523BBCZ-5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com