Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-AC115V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HP3-AC115V
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-AC115V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HP3-AC115V Datasheet HTML 1Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 2Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 3Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 4Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 5Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 6Page - Panasonic Semiconductor HP3-AC115V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HP
TYPES
1. Plug-in type
Standard packing (2 Form C): Carton: 20 pcs.; Case: 100 pcs.
Standard packing (3 Form C, 4 Form C): Carton: 10 pcs.; Case: 50 pcs.
2. Plug-in type (with operation indication)
Standard packing (2 Form C): Carton: 20 pcs.; Case: 100 pcs.
Standard packing (3 Form C, 4 Form C): Carton: 10 pcs.; Case: 50 pcs.
3. TM type and Direct mount type
Standard packing: Carton: 10 pcs.; Case: 50 pcs.
4. Direct mount type (with LED indication)
Standard packing: Carton: 10 pcs.; Case: 50 pcs.
Notes: 1. Standard packaging is handled in units of inner cartons. Please specify if you require inner cartons to be boxed.
2. Sockets, terminal sockets and installation brackets are not included. Please order these separately.
3. For products compliant with international standards, please refer to the standards chart.
* For sockets and terminal sockets, see page 117.
Nominal coil voltage
2 Form C
3 Form C
4 Form C
Part No.
Part No.
Part No.
24V AC
HP2-AC24V
HP3-AC24V
HP4-AC24V-F
48V AC
HP2-AC48V
HP3-AC48V
HP4-AC48V-F
100V AC
HP2-AC100V
HP3-AC100V
HP4-AC100V-F
115V AC
HP2-AC115V
HP3-AC115V
HP4-AC115V-F
200V AC
HP2-AC200V
HP3-AC200V
HP4-AC200V-F
220V AC
HP2-AC220V
HP3-AC220V
HP4-AC220V-F
240V AC
HP2-AC240V
HP3-AC240V
HP4-AC240V-F
12V DC
HP2-DC12V
HP3-DC12V
HP4-DC12V-F
24V DC
HP2-DC24V
HP3-DC24V
HP4-DC24V-F
48V DC
HP2-DC48V
HP3-DC48V
HP4-DC48V-F
100V DC
HP2-DC100V
HP3-DC100V
HP4-DC100V-F
110V DC
HP2-DC110V
HP3-DC110V
HP4-DC110V-F
Nominal coil voltage
2 Form C
3 Form C
4 Form C
Part No.
Part No.
Part No.
With LED indication
24V AC
HP2-L-AC24V
HP3-L-AC24V
HP4-L-AC24V-F
With neon lamp
100V AC
HP2-L-AC100V
HP3-L-AC100V
HP4-L-AC100V-F
115V AC
HP2-L-AC115V
HP3-L-AC115V
HP4-L-AC115V-F
200V AC
HP2-L-AC200V
HP3-L-AC200V
HP4-L-AC200V-F
220V AC
HP2-L-AC220V
HP3-L-AC220V
HP4-L-AC220V-F
240V AC
HP2-L-AC240V
HP3-L-AC240V
HP4-L-AC240V-F
With LED indication
12V DC
HP2-L-DC12V
HP3-L-DC12V
HP4-L-DC12V-F
24V DC
HP2-L-DC24V
HP3-L-DC24V
HP4-L-DC24V-F
48V DC
HP2-L-DC48V
HP3-L-DC48V
HP4-L-DC48V-F
With neon lamp
100V DC
HP2-L-DC100V
HP3-L-DC100V
HP4-L-DC100V-F
110V DC
HP2-L-DC110V
HP3-L-DC110V
HP4-L-DC110V-F
Nominal coil voltage
2 Form C (TM type)
3 Form C (direct mount type)
Part No.
Part No.
24V AC
HP2-TM-AC24V
HP3-M-AC24V
48V AC
HP2-TM-AC48V
HP3-M-AC48V
100V AC
HP2-TM-AC100V
HP3-M-AC100V
115V AC
HP2-TM-AC115V
HP3-M-AC115V
200V AC
HP2-TM-AC200V
HP3-M-AC200V
220V AC
HP2-TM-AC220V
HP3-M-AC220V
240V AC
HP2-TM-AC240V
HP3-M-AC240V
12V DC
HP2-TM-DC12V
HP3-M-DC12V
24V DC
HP2-TM-DC24V
HP3-M-DC24V
48V DC
HP2-TM-DC48V
HP3-M-DC48V
100V DC
HP2-TM-DC100V
HP3-M-DC100V
110V DC
HP2-TM-DC110V
HP3-M-DC110V
Nominal coil voltage
3 Form C
Part No.
With neon lamp
100V AC
HP3-ML-AC100V
115V AC
HP3-ML-AC115V
200V AC
HP3-ML-AC200V
220V AC
HP3-ML-AC220V
240V AC
HP3-ML-AC240V
100V DC
HP3-ML-DC100V
110V DC
HP3-ML-DC110V
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP3-AC115V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP3-AC115V PANASONIC-HP3-AC115V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP3-AC115V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com