Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFOS1695B0S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EFOS1695B0S
Description  Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOS1695B0S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EFOS1695B0S Datasheet HTML 1Page - Panasonic Semiconductor EFOS1695B0S Datasheet HTML 2Page - Panasonic Semiconductor EFOS1695B0S Datasheet HTML 3Page - Panasonic Semiconductor EFOS1695B0S Datasheet HTML 4Page - Panasonic Semiconductor EFOS1695B0S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC170 –
Feeding hole
Chip pocket
Chip Componen
Tape running
direction
t1
t2
P2
P0
P1
A
φD0
3.20
t1
t2
P1
A
φD0
2.00
P0
P2
Feeding hole
Chip pocket
Chip Component
Tape running direction
Feeding hole
Chip pocket
Chip Component
Tape running direction
t1
t2
P2
P0
P1
A
φD0
Type EFOJM
(Example)
3.60
[Type EFOS, EFOSM]
[Type EFOSS]
Dim.
(mm)
AB
W
F
E
P1
2.6±0.2
5.1±0.2 12.0±0.3 5.5±0.1 1.75±0.10 4.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.6 max. 3.0 max.
0
Dim.
(mm)
AB
W
F
E
P1
3.7±0.2
8.3±0.2 16.0±0.3 7.5±0.1 1.75±0.10 8.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.3
3.5 max.
0
[Type EFOB, EFOBM, EFOJM]
Dim.
(mm)
AB
W
F
E
P1
12
12.0±0.3 5.5±0.1 1.75±0.10 8.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.6 max. 3.0 max.
0
Dim. (mm)
A
B
12
Type EFOB
3.7±0.2
6.0±0.2
Type EFOBM
3.4±0.2
4.6±0.2
Type EFOJM
4.1±0.2
4.9±0.2
01 Feb. 2009


Similar Part No. - EFOS1695B0S

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS1695B0 AEL-EFOS1695B0 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOS1695B0 AEL-EFOS1695B0 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
More results

Similar Description - EFOS1695B0S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type (3 Array Type)
EFO-S8004E5 PANASONIC-EFO-S8004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
List of Unclassifed Man...
DSP-15P ETC2-DSP-15P Datasheet
167Kb / 1P
   Panel RoHS Compliant NA
logo
STANLEY ELECTRIC CO.,LT...
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
   PLCC Side Viewing Type LED RoHS Compliant
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
YAGEO Corporation
YC164-FR-0710KL YAGEO-YC164-FR-0710KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS YC/TC 164 (8Pin/4R) RoHS compliant
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
   1608 (h=0.70mm) Type White LED RoHS compliant
logo
Panasonic Semiconductor
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com