Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-03024 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # S8VS-03024
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-03024 Datasheet(HTML) 5 Page - Omron Electronics LLC

  S8VS-03024 Datasheet HTML 1Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 2Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 3Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 4Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 5Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 6Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 7Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 8Page - Omron Electronics LLC S8VS-03024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
S8VS
5
*1. Do not use an inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal temperature of the Power Supply may result in
ignition or burning.
*2. For a cold start at 25
°C. Refer to Engineering Data on page 18 for details.
*3. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +15% of the voltage adjustment range (by more than +10% for 240-W models with indication monitor).
When adjusting the output voltage, confirm the actual output voltage from the Power Supply and be sure that the load is not damaged.
*4. To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON.
*5. Displayed on 7-segment LED. (character height: 8 mm)
*6. Resolution of output voltage indication: 0.1 V, Precision of output voltage indication:
±2% (percentage of output voltage value, ±1 digit)
*7. Resolution of output current indication: 0.1 A; Precision of output current indication:
±5% F.S. ±1 digit max. (specified by rated output voltage)
*8. Resolution of peak-hold current indication: 0.1 A; Precision of peak-hold current indication:
±5% F.S. ±1 digit max. (specified by rated output voltage);
Signal width required for peak-hold current: 20 ms
*9. A Type and B Type: Sinking, AP Type and BP Type: Sourcing, BE Type: No alarm output.
*10. S8VS-06024A, S8VS-09024A/AP, S8VS-12024A/AP, S8VS-18024A/AP, and S8VS-24024A/AP only
*11. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Power ratings
60 W
90 W
Item
Type
Standard
Maintenance
forecast monitor
Total run time
monitor
Standard
Maintenance
forecast monitor
Total run time
monitor
Efficiency
With 100-VAC input
84% typical
83% typical
83% typical
83% typical
With 200-VAC input
83% typical
85% typical
84% typical
85% typical
Input
Voltage
*1
100 to 240 VAC (allowable range: 85 to 264 VAC or 80 to 370 VDC
*11)
Frequency
*1
50/60 Hz (47 to 450 Hz)
Current
With 100-VAC input
1.7 A max., 1.3 A typical
1.7 A max., 1.3 A typical
2.3 A max., 1.9 A typical
2.3 A max., 1.9 A typical
With 200-VAC input
1.0 A max., 0.68 A typical
1.0 A max., 0.78 A typical
1.4 A max., 1.0 A typical
1.4 A max., 1.2 A typical
Power factor
---
Harmonic current regulation
Conforms to EN61000-3-2
Leakage current
With 100-VAC input
0.5 mA max.
With 200-VAC input
1.0 mA max.
Inrush current
*2
With 100-VAC input
17.5 A max., 14 A typical
With 200-VAC input
35 A max., 28 A typical
Output
Voltage adjustment range
*3
−10% to 15% (with V. ADJ) (The voltage cannot be adjusted for the S8VS-09024@@@S-@.)
Ripple noise voltage (at rated I/O)
70 mV max.
90 mV max.
250 mV max.
150 mV max.
Input variation influence
0.5% max. (at 85- to 264-VAC input, 100% load)
Load variation influence (rated input voltage)
1.5% max. (with rated input, 0 to 100% load)
Temperature variation influence
0.05%/
°C max.
Startup time
(at rated I/O)
*2
With 100-VAC input
620 ms typical
460 ms typical
460 ms typical
660 ms typical
With 200-VAC input
400 ms typical
290 ms typical
300 ms typical
420 ms typical
Output hold time
(at rated I/O)
*2
With 100-VAC input
34 ms typical
33 ms typical
28 ms typical
28 ms typical
With 200-VAC input
158 ms typical
154 ms typical
132 ms typical
136 ms typical
Additional
functions
Overload protection
*2
105% to 160% of rated load current (101% to 110% of rated load current for the S8VS-09024
@@@S-@), inverted L voltage drop, intermittent, automatic reset
Overvoltage protection
*2, *4
Yes
Output voltage indication
*5
No
Yes (selectable)
*6
No
Yes (selectable)
*6
Output current indication
*5
No
Yes (selectable)
*7
No
Yes (selectable)
*7
Peak-hold current indication
*5
No
Yes (selectable)
*8
No
Yes (selectable)
*8
Maintenance forecast monitor indication
*5
No
Yes (selectable)
No
No
Yes (selectable)
No
Maintenance forecast monitor output
No
Yes (transistor output),
30 VDC max., 50 mA max.
*9
No
Total run time monitor indication
*5
No
Yes (selectable)
No
Yes (selectable)
Total run time monitor output
*5
No
Yes (transistor output),
30 VDC max., 50 mA max.
*9
Undervoltage alarm indication
*5
No
Yes (selectable)
No
Yes (selectable)
Undervoltage alarm output terminals
No
Yes (transistor output), 30 VDC max., 50 mA max.
*9
Parallel operation
No
Series operation
Yes for up to 2 Power Supplies (with external diode)
Other
Operating ambient temperature
Refer to the derating curve in . (with no icing or condensation)
Storage temperature
−25 to 65°C
Operating ambient humidity
25% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs/ alarm outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 20 mA)
1.0 kVAC for 1 min. (between all outputs/ alarm outputs and PE terminals; detection current for standard models: 30 mA, detection
current for models with indication monitor: 20 mA)
500 VAC for 1 min. (between all outputs and alarm outputs; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs/ alarm outputs and all inputs/ PE terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
10 to 150 Hz, 0.35-mm single amplitude (5 G max.) for 80 min each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in ±X, ±Y, and ±Z directions
Output indicator
Yes (color: green)
EMI
Conducted
Emissions
Models with indication monitor: Conforms to EN61204-3 EN55011 Class A and based on FCC Class A, Conforms to EN61204-3
EN55011 Class B
*11
Standard models: Conforms to EN61204-3 EN55011 Group 1 Class B and based on FCC Class A
Radiated
Emissions
Models with indication monitor: Conforms to EN61204-3 EN55011 Class A, Conforms to EN61204-3 EN55011 Class B
*11
Standard models: Conforms to EN61204-3 EN55011 Group 1 Class B
EMS
Conforms to EN61204-3 high severity levels
Approved standards
*11
UL: UL 508 (Listing; Class 2 Output: Per UL1310), UL UR: UL
60950-1 (Recognition),
cUL: CSA C22.2 No.107.1 (Class 2 Output: Per CSA C22.2 No.
223),
cUR: CSA C22.2 No.60950-1,
EN/VDE: EN 50178 (= VDE 0160), EN 60950-1
(= VDE 0805 Teil 1)
KOSHA S Mark
*10
UL: UL 508 (Listing)
UL Listed (S8VS-09024
@@@S-@ only.): UL 508 (Listing, Class 2
Output: Per UL1310),
UL UR: UL 60950-1 (Recognition),
cUL: CSA C22.2 No.107.1,
cUL (S8VS-09024
-@@@S-@ only): CSA C22.2 No.107.1 (Class 2
Output: Per CSA C22.2 No. 223),
cUR: CSA C22.2 No.60950-1,
EN/VDE: EN 50178 (= VDE 0160),
EN 60950-1 (= VDE 0805 Teil 1)
KOSHA S Mark
*10
SEMI
*11
F47-0706 (With 200-VAC input)
Weight
330 g max.
490 g max.


Similar Part No. - S8VS-03024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-06024 OMRON-S8VS-06024 Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-06024A OMRON-S8VS-06024A Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-06024B OMRON-S8VS-06024B Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024 OMRON-S8VS-09024 Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024A OMRON-S8VS-09024A Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
More results

Similar Description - S8VS-03024

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com