Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-24024BE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8VS-24024BE
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-24024BE Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8VS-24024BE Datasheet HTML 1Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 2Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 3Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 4Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 5Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 6Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 7Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 8Page - Omron Electronics LLC S8VS-24024BE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
S8VS
2
Model Number Structure
Model Number Legend
Note: Not all combinations are possible. Refer to List of Models in Ordering Information, below.
1. Power Ratings
015: 15 W
030: 30 W
060: 60 W
090: 90 W
120: 120 W
180: 180 W
240: 240 W
480: 480 W
2. Output voltage
05: 5 V
12: 12 V
24: 24 V
3. Indication monitor
None: Without indication monitor (standard model)
A:
With indication monitor (maintenance forecast monitor)
B:
With indication monitor (total run time monitor)
BE:
With indication monitor but without alarm output (total run
time monitor)
4. Alarm output
None: Sinking (Emitter COM)
*
P:
Sourcing (Collector COM)
Note: No alarm output possible with 60-W models.
* Both sinking and sourcing outputs are available for 480-W models.
5. UL Class 2 Output Standards (UL 1310)
None: Does not conform.
*
S:
Conforms.
* 15-W, 30-W, and 60-W models conform to Class 2 output standards
(UL 1310).
Note: The S option is available only for 90-W models.
6. Terminal Block Form
None: Screw terminal block
F:
Screwless terminal block
Note: Estimates can be provided for coatings and other specifications that are not given in the datasheet. Ask your OMRON representative for details.
12
3 4 5
6
S8VS-
@@@@@@@@-@


Similar Part No. - S8VS-24024BE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-24024BE OMRON-S8VS-24024BE Datasheet
1Mb / 6P
   Greater Simplicity for Power Supply Visualization
More results

Similar Description - S8VS-24024BE

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com